Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9066501MFA Datasheet(PDF) 4 Page - Texas Instruments

Part # 5962-9066501MFA
Description  3-LINE TO 8-LINE DECODERS/DEMILTIPLEXERS WITH ADDRESS LATCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9066501MFA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9066501MFA Datasheet HTML 1Page - Texas Instruments 5962-9066501MFA Datasheet HTML 2Page - Texas Instruments 5962-9066501MFA Datasheet HTML 3Page - Texas Instruments 5962-9066501MFA Datasheet HTML 4Page - Texas Instruments 5962-9066501MFA Datasheet HTML 5Page - Texas Instruments 5962-9066501MFA Datasheet HTML 6Page - Texas Instruments 5962-9066501MFA Datasheet HTML 7Page - Texas Instruments 5962-9066501MFA Datasheet HTML 8Page - Texas Instruments 5962-9066501MFA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54ALS137A, SN74ALS137A, SN74AS137
3LINE TO 8LINE DECODERS/DEMULTIPLEXERS
WITH ADDRESS LATCHES
SDAS203C − APRIL 1982 − REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS137A
SN74ALS137A
UNIT
MIN
MAX
MIN
MAX
tPLH
A, B, C
Y
5
25
5
20
ns
tPHL
A, B, C
Y
6
25
6
20
ns
tPLH
G2
Y
4
15
3
12
ns
tPHL
G2
Y
5
18
4
15
ns
tPLH
G1
Y
5
21
4
17
ns
tPHL
G1
Y
5
19
4
15
ns
tPLH
LE
Y
7
27
6
22
ns
tPHL
LE
Y
7
25
7
20
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74AS137
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74AS137
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−2
mA
IOL
Low-level output current
20
mA
tw
Pulse duration, LE low
6.5
ns
tsu
Setup time at A, B, and C before LE
4
ns
th
Hold time at A, B, and C after LE
1
ns
TA
Operating free-air temperature
0
70
°C


Similar Part No. - 5962-9066501MFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9066501MFA TI-5962-9066501MFA Datasheet
518Kb / 15P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
More results

Similar Description - 5962-9066501MFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS137A TI-SN54ALS137A Datasheet
518Kb / 15P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74HC237N TI-SN74HC237N Datasheet
129Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
logo
Motorola, Inc
SN54LS137 MOTOROLA-SN54LS137 Datasheet
176Kb / 5P
   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
logo
Texas Instruments
SN74HC237D TI-SN74HC237D Datasheet
129Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54LS137 TI-SN54LS137_07 Datasheet
518Kb / 15P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54HC237 TI-SN54HC237 Datasheet
116Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54LS137 TI-SN54LS137 Datasheet
155Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN54HC4514 TI-SN54HC4514 Datasheet
118Kb / 6P
[Old version datasheet]   4 LINE TO 16 LINE DECODERS / DEMULTIPLEXERS WITH ADDRESS LATCHES
logo
National Semiconductor ...
MM54HC237 NSC-MM54HC237 Datasheet
151Kb / 6P
   3-to-8 Line Decoder With Address Latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com