Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6173081SW-15 Datasheet(PDF) 5 Page - AMIC Technology

Part # A6173081SW-15
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A6173081SW-15 Datasheet(HTML) 5 Page - AMIC Technology

  A6173081SW-15 Datasheet HTML 1Page - AMIC Technology A6173081SW-15 Datasheet HTML 2Page - AMIC Technology A6173081SW-15 Datasheet HTML 3Page - AMIC Technology A6173081SW-15 Datasheet HTML 4Page - AMIC Technology A6173081SW-15 Datasheet HTML 5Page - AMIC Technology A6173081SW-15 Datasheet HTML 6Page - AMIC Technology A6173081SW-15 Datasheet HTML 7Page - AMIC Technology A6173081SW-15 Datasheet HTML 8Page - AMIC Technology A6173081SW-15 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A6173081 Series
PRELIMINARY
(July, 2000, Version 0.0)
4
AMIC Technology, Inc.
Truth Table
Mode
CE
OE
WE
I/O Operation
Supply Current
Standby
H
X
X
High Z
ISB, ISB1
Output Disable
L
H
H
High Z
ICC1
Read
L
L
H
DOUT
ICC1
Write
L
X
L
DIN
ICC1
Note: X = H or L
Capacitance (TA = 25
°C, f = 1.0MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
-
8
pF
VIN = 0V
CI/O*
Input/Output Capacitance
-
8
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.
AC Characteristics (TA = 0
°C to +70°C, VCC = 5V ± 10%)
Symbol
Parameter
A6173081-12
A6173081-15
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
12
-
15
-
ns
tAA
Address Access Time
-
12
-
15
ns
tACE
Chip Enable Access Time
-
12
-
15
ns
tOE
Output Enable to Output Valid
-
6
-
8
ns
tCLZ
Chip Enable to Output in Low Z
3
-
3
-
ns
tOLZ
Output Enable to Output in Low Z
0
-
0
-
ns
tCHZ
Chip Disable Output in High Z
0
6
-
8
ns
tOHZ
Output Disable to Output in High Z
0
6
0
8
ns
tOH
Output Hold from Address Change
3
-
3
-
ns


Similar Part No. - A6173081SW-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S AMICC-A617308S Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-10 AMICC-A617308S-10 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-12 AMICC-A617308S-12 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-15 AMICC-A617308S-15 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A6173081SW-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com