Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA357AIDDAG3 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA357AIDDAG3
Description  250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA357AIDDAG3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA357AIDDAG3 Datasheet HTML 2Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 3Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 4Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 5Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 6Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 7Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 8Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 9Page - Texas Instruments OPA357AIDDAG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
OPA357
OPA2357
SBOS235E − MARCH 2002− REVISED MAY 2009
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
2
13
4
0
−50
−60
−70
−80
−90
−100
G=
−1
f=1MHz
R
L = 200Ω
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
10
1
−50
−60
−70
−80
−90
−100
V
O =2VPP
f=1MHz
R
L =200Ω
3rd−Harmonic
2nd−Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
Gain (V/V)
10
1
−50
−60
−70
−80
−90
−100
V
O =2VPP
f= 1MHz
R
L = 200Ω
3rd−Harmonic
2nd−Harmonic
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
10M
1M
100k
−50
−60
−70
−80
−90
−100
G= +1
V
O =2VPP
R
L =200Ω
V
CM =1.5V
3rd−Harmonic
2nd−Harmonic
HARMONIC DISTORTION vs LOAD RESISTANCE
R
L (Ω)
1k
100
−50
−60
−70
−80
−90
−100
G= +1
V
O =2VPP
f= 1MHz
V
CM =1.5V
3rd−Harmonic
2nd−Harmonic
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
100M
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Current Noise
Voltage Noise


Similar Part No. - OPA357AIDDAG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357AIDDA BURR-BROWN-OPA357AIDDA Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
OPA357AIDDAR BURR-BROWN-OPA357AIDDAR Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
More results

Similar Description - OPA357AIDDAG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com