Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2357 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2357
Description  250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2357 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2357 Datasheet HTML 7Page - Texas Instruments OPA2357 Datasheet HTML 8Page - Texas Instruments OPA2357 Datasheet HTML 9Page - Texas Instruments OPA2357 Datasheet HTML 10Page - Texas Instruments OPA2357 Datasheet HTML 11Page - Texas Instruments OPA2357 Datasheet HTML 12Page - Texas Instruments OPA2357 Datasheet HTML 13Page - Texas Instruments OPA2357 Datasheet HTML 14Page - Texas Instruments OPA2357 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
OPA357
OPA2357
SBOS235E − MARCH 2002− REVISED MAY 2009
www.ti.com
11
APPLICATIONS INFORMATION
The OPA357 is a CMOS, rail-to-rail I/O, high-speed,
voltage-feedback operational amplifier designed for video,
high-speed, and other applications. It is available as a
single or dual op amp.
The amplifier features a 100MHz gain bandwidth, and
150V/
µs slew rate, but it is unity-gain stable and can be
operated as a +1V/V voltage follower.
OPERATING VOLTAGE
The OPA357 is specified over a power-supply range of
+2.7V to +5.5V (
±1.35V to ±2.75V). However, the supply
voltage may range from +2.5V to +5.5V (
±1.25V to
±2.75V). Supply voltages higher than 7.5V (absolute
maximum) can permanently damage the amplifier.
Parameters that vary over supply voltage or temperature
are shown in the Typical Characteristics section of this
data sheet.
ENABLE FUNCTION
The OPA357’s Enable function is implemented using a
Schmitt trigger. The amplifier is enabled by applying a TTL
HIGH voltage level (referenced to V−) to the Enable pin.
Conversely, a TTL LOW voltage level (referenced to V−)
will disable the amplifier, reducing its supply current from
4.9mA to only 3.4
µA per amplifier. Independent Enable
pins are available for each channel (dual version),
providing
maximum
design
flexibility. For portable
battery-operated applications, this feature can be used to
greatly reduce the average current and thereby extend
battery life.
The Enable input can be modeled as a CMOS input gate
with a 100k
Ω pull-up resistor to V+. This pin should be
connected to a valid high or low voltage or driven, not left
open circuit.
The enable time is 100ns and the disable time is only 30ns.
This allows the OPA357 to be operated as a gated
amplifier, or to have its output multiplexed onto a common
output bus. When disabled, the output assumes a
high-impedance state.
RAIL-TO-RAIL INPUT
The specified input common-mode voltage range of the
OPA357 extends 100mV beyond the supply rails. This is
achieved
with
a
complementary
input
stage
an
N-channel input differential pair in parallel with a
P-channel differential pair, as shown in Figure 1. The
N-channel pair is active for input voltages close to the
positive rail, typically (V+) − 1.2V to 100mV above the
positive supply, while the P-channel pair is on for inputs
from 100mV below the negative supply to approximately
(V+) − 1.2V. There is a small transition region, typically
(V+) − 1.5V to (V+) − 0.9V, in which both pairs are on. This
600mV transition region can vary
±500mV with process
variation. Thus, the transition region (both input stages on)
can range from (V+) − 2.0V to (V+) − 1.5V on the low end,
up to (V+) − 0.9V to (V+) − 0.4V on the high end.
A double-folded cascode adds the signal from the two
input pairs and presents a differential signal to the class AB
output stage.
V
BIAS1
V
BIAS2
V
IN+
V
IN
Class AB
Control
Circuitry
V
O
V
(Ground)
V+
Reference
Current
Figure 1. Simplified Schematic


Similar Part No. - OPA2357

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2357 BURR-BROWN-OPA2357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
OPA2357AIDGSR BURR-BROWN-OPA2357AIDGSR Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
OPA2357AIDGST BURR-BROWN-OPA2357AIDGST Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
More results

Similar Description - OPA2357

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com