Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA357 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA357
Description  250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA357 Datasheet(HTML) 1 Page - Texas Instruments

  OPA357 Datasheet HTML 1Page - Texas Instruments OPA357 Datasheet HTML 2Page - Texas Instruments OPA357 Datasheet HTML 3Page - Texas Instruments OPA357 Datasheet HTML 4Page - Texas Instruments OPA357 Datasheet HTML 5Page - Texas Instruments OPA357 Datasheet HTML 6Page - Texas Instruments OPA357 Datasheet HTML 7Page - Texas Instruments OPA357 Datasheet HTML 8Page - Texas Instruments OPA357 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FEATURES
D UNITY-GAIN BANDWIDTH: 250MHz
D WIDE BANDWIDTH: 100MHz GBW
D HIGH SLEW RATE: 150V/ms
D LOW NOISE: 6.5nV/√Hz
D RAIL-TO-RAIL I/O
D HIGH OUTPUT CURRENT: > 100mA
D EXCELLENT VIDEO PERFORMANCE:
Diff Gain: 0.02%, Diff Phase: 0.09
5
0.1dB Gain Flatness: 40MHz
D LOW INPUT BIAS CURRENT: 3pA
D QUIESCENT CURRENT: 4.9mA
D THERMAL SHUTDOWN
D SUPPLY RANGE: 2.5V to 5.5V
D SHUTDOWN IQ < 6mA
D MicroSIZE AND PowerPAD PACKAGES
APPLICATIONS
D VIDEO PROCESSING
D ULTRASOUND
D OPTICAL NETWORKING, TUNABLE LASERS
D PHOTODIODE TRANSIMPEDANCE AMPS
D ACTIVE FILTERS
D HIGH-SPEED INTEGRATORS
D ANALOG-TO-DIGITAL (A/D) CONVERTER
INPUT BUFFERS
D DIGITAL-TO-ANALOG (D/A) CONVERTER
OUTPUT AMPLIFIERS
D BARCODE SCANNERS
D COMMUNICATIONS
OPA357
V
OUT
V+
V
− Enable
−V
IN
+V
IN
DESCRIPTION
The OPA357 series of high-speed, voltage-feedback
CMOS operational amplifiers are designed for video and
other applications requiring wide bandwidth. They are
unity-gain stable and can drive large output currents.
Differential gain is 0.02% and differential phase is 0.09
°.
Quiescent current is only 4.9mA per channel.
The OPA357 series op amps are optimized for operation
on single or dual supplies as low as 2.5V (
±1.25V) and up
to 5.5V (
±2.75V). Common-mode input range extends
beyond the supplies. The output swing is within 100mV of
the rails, supporting wide dynamic range.
For applications requiring the full 100mA continuous
output current, the single SO-8 PowerPAD version is
available.
The single version (OPA357), comes in the miniature
SOT23-6 and SO-8 PowerPAD packages. The dual
version (OPA2357) is offered in the MSOP-10 package.
The dual version features completely independent
circuitry for lowest crosstalk and freedom from interaction.
All are specified over the extended −40
°C to +125°C
temperature range.
OPAx357 RELATED PRODUCTS
FEATURES
PRODUCT
Non-Shutdown Version of OPA357 Family
OPAx354
200MHz GBW, Rail-to-Rail Output, CMOS, Shutdown
OPAx355
200MHz GBW, Rail-to-Rail Output, CMOS
OPAx356
38MHz GBW, Rail-to-Rail Input/Output, CMOS
OPAx350/3
75MHz BW G = 2, Rail-to-Rail Output
OPAx631
150MHz BW G = 2, Rail-to-Rail Output
OPAx634
100MHz BW, Differential Input/Output, 3.3V Supply
THS412x
OPA357
OPA2357
SBOS235E − MARCH 2002− REVISED MAY 2009
250MHz, Rail-to-Rail I/O, CMOS
Operational Amplifier with Shutdown
www.ti.com
Copyright
 2002-2009, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - OPA357

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA357 TI1-OPA357 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
Burr-Brown (TI)
OPA357AIDBVR BURR-BROWN-OPA357AIDBVR Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
OPA357AIDBVT BURR-BROWN-OPA357AIDBVT Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
More results

Similar Description - OPA357

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com