Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A615308S Datasheet(PDF) 8 Page - AMIC Technology

Part # A615308S
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A615308S Datasheet(HTML) 8 Page - AMIC Technology

Back Button A615308S Datasheet HTML 4Page - AMIC Technology A615308S Datasheet HTML 5Page - AMIC Technology A615308S Datasheet HTML 6Page - AMIC Technology A615308S Datasheet HTML 7Page - AMIC Technology A615308S Datasheet HTML 8Page - AMIC Technology A615308S Datasheet HTML 9Page - AMIC Technology A615308S Datasheet HTML 10Page - AMIC Technology A615308S Datasheet HTML 11Page - AMIC Technology A615308S Datasheet HTML 12Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
A615308 Series
PRELIMINARY
(January, 2001, Version 0.0)
7
AMIC Technology, Inc.
Timing Waveforms (continued)
Write Cycle 1
(6)
(Write Enable Controlled)
tWC
Address
DIN
tOW7
tDH
tDW
tWHZ7
tWP2
tAS1
(4)
tCW5
tAW
tWR3
DOUT
WE
CE
Write Cycle 2
(Chip Enable Controlled)
tWC
Address
DIN
tDW
tWHZ7
tAW
tWR3
DOUT
tDH
(4)
tWP2
tCW5
tAS1
CE
WE
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP) of a low CE and a low WE .
3. tWR is measured from the earliest of CE or WE going high to the end of the Write cycle
4. If the CE low transition occurs simultaneously with the WE low transition or after the WE transition, outputs
remain in a high impedance state.
5. tCW is measured from the later of CE going low to the end of Write.
6. OE is continuously low. ( OE = VIL)
7. Transition is measured
±200mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - A615308S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results

Similar Description - A615308S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com