Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD234DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD234DRG4
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD234DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD234DRG4 Datasheet HTML 1Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 2Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD234DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DRIVER ELECTRICAL CHARACTERISTICS
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008.............................................................................................................................................. www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
CANH
2.45
VCC
Bus output voltage
VO(D)
D at 0 V, RS at 0 V, See Figure 1 and Figure 2
V
(Dominant)
CANL
0.5
1.25
CANH
2.3
Bus output voltage
VO
D at 3 V, RS at 0 V, See Figure 1 and Figure 2
V
(Recessive)
CANL
2.3
D at 0 V, RS at 0 V, See Figure 1 and Figure 2
1.5
2
3
VOD(D)
Differential output voltage (Dominant)
V
D at 0 V, RS at 0 V, See Figure 2 and Figure 3
1.2
2
3
D at 3 V, RS at 0 V, See Figure 1 and Figure 2
–120
12
mV
VOD
Differential output voltage (Recessive)
D at 3 V, RS at 0 V, No Load
–0.5
0.05
V
VOC(pp)
Peak-to-peak common-mode output voltage
See Figure 10
1
V
D, EN, LBK,
IIH
High-level input current
D at 2 V
–30
30
µA
AB
D, EN, LBK,
IIL
Low-level input current
D at 0.8 V
–30
30
µA
AB
VCANH = –7 V, CANL Open, See Figure 15
–250
VCANH = 12 V, CANL Open, See Figure 15
1
IOS
Short-circuit output current
mA
VCANL = –7 V, CANH Open, See Figure 15
–1
VCANL = 12 V, CANH Open, See Figure 15
250
CO
Output capacitance
See receiver input capacitance
IIRs(s)
RS input current for standby
RS at 0.75 VCC
–10
µA
Sleep
EN at 0 V, D at VCC, RS at 0 V or VCC
0.05
2
µA
RS at VCC, D at VCC, AB at 0 V, LBK at 0 V,
Standby
200
600
EN at VCC
ICC
Supply current
D at 0 V, No Load, AB at 0 V, LBK at 0 V,
Dominant
6
RS at 0 V, EN at VCC
mA
D at VCC, No Load, AB at 0 V,LBK at 0 V,
Recessive
6
RS at 0 V, EN at VCC
(1)
All typical values are at 25°C and with a 3.3 V supply.
4
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD233 SN65HVD234 SN65HVD235


Similar Part No. - SN65HVD234DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD234DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com