Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72295MA Datasheet(PDF) 4 Page - Texas Instruments

Part # SM72295MA
Description  SM72295 Photovoltaic Full Bridge Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72295MA Datasheet(HTML) 4 Page - Texas Instruments

  SM72295MA Datasheet HTML 1Page - Texas Instruments SM72295MA Datasheet HTML 2Page - Texas Instruments SM72295MA Datasheet HTML 3Page - Texas Instruments SM72295MA Datasheet HTML 4Page - Texas Instruments SM72295MA Datasheet HTML 5Page - Texas Instruments SM72295MA Datasheet HTML 6Page - Texas Instruments SM72295MA Datasheet HTML 7Page - Texas Instruments SM72295MA Datasheet HTML 8Page - Texas Instruments SM72295MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SM72295
SNVS688E – OCTOBER 2010 – REVISED APRIL 2013
www.ti.com
Recommended Operating Conditions
VCCA,VCCB
+8V to +14V
VDD
+3V to 7V
SI, SO common mode
VDD+1V to 100V
HS(1)
-1V to 100V
HBA, HBB
HS+7V to HS+14V
HS Slew Rate
<50V/ns
Junction Temperature
-40°C to +125°C
(1)
In the application the HS nodes are clamped by the body diode of the external lower N-MOSFET, therefore the HS node will generally
not exceed –1V. However, in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur, the HS voltage must never be more negative than VCC-15V. For example if VCC = 10V,
the negative transients at HS must not exceed –5V.
Electrical Characteristics
(1)
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range. No load on LO & HO, VCC = 10V, VDD = 5V, HB-HS = 10V, OVS = 0V unless otherwise indicated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY CURRENTS
IDD
VDD Quiescent Current
SIA = SOB, SIB = SOB.
25
40
μA
VCC Quiescent Current
ICC
All outputs off
500
800
μA
(ICCA+ICCB)
VCC Operating Current
ICCO
LOA & LOB switching at 200kHz
2.2
3
mA
(ICCA+ICCB)
IHB
HBA, HBB Quiescent Current
All outputs off
55
200
μA
IHBO
HBA, HBB Operating Current
HOA & HOB switching at 200kHz
700
1000
μA
HBA & HBB to VSS Current,
IHBS
HS = 100V, HB = 110V
0.1
10
μA
Quiescent
HBA and HBB to VSS Current,
IHBSO
f = 200kHz
130
μA
Operating
PGOOD, OVB OUTPUTs
VOL
Output Low RDS
25
50
RPU
VDD pull up resistor
50
90
k
LI ,HI INPUT PINS
VIL
Input Voltage Threshold
1.3
1.8
2.3
V
VIHYS
Input Voltage Hysteresis
50
mV
RI
LI, HI Pull down Resistance
100
200
400
k
OVER VOLTAGE SHUTDOWN
VOVR
OVS Rising Threshold
VDD-50mV
VDD
VDD+50mV
V
VOVH
OVS threshold Hysteresis
5%
VDD
IOVS
OVS input bias current
OVS<VDD
1
nA
UNDER VOLTAGE SHUTDOWN
VCCR
VCC Rising Threshold
6
6.9
7.4
V
VCCH
VCC threshold Hysteresis
0.5
V
VHBR
HB-HS Rising Threshold
5.7
6.6
7.1
V
VHBH
HB-HS Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
VDH
High-Current Forward Voltage
IVCC-HB = 100mA
0.8
1
V
RD
Dynamic Resistance
IVCC-HB = 100mA
1
1.65
(1)
Min and Max limits are 100% production tested at 25ºC. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: SM72295


Similar Part No. - SM72295MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72295MA-NOPB TI-SM72295MA-NOPB Datasheet
861Kb / 16P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
SM72295MA/NOPB TI-SM72295MA/NOPB Datasheet
843Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
SM72295MAE/NOPB TI-SM72295MAE/NOPB Datasheet
843Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
SM72295MAX/NOPB TI-SM72295MAX/NOPB Datasheet
843Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
More results

Similar Description - SM72295MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72295MA-NOPB TI-SM72295MA-NOPB Datasheet
861Kb / 16P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
SM72295 TI-SM72295_15 Datasheet
843Kb / 17P
[Old version datasheet]   SM72295 Photovoltaic Full Bridge Driver
logo
National Semiconductor ...
SM72295 NSC-SM72295 Datasheet
465Kb / 12P
   Photovoltaic Full Bridge Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
   DMOS FULL BRIDGE DRIVER
July 2003
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
   DMOS FULL BRIDGE DRIVER
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
   Full bridge driver IC
1999 Aug 10
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com