Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSOT236-T05C Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CDSOT236-T05C
Description  TVS Diode Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDSOT236-T05C Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CDSOT236-T05C_12 Datasheet HTML 1Page - Bourns Electronic Solutions CDSOT236-T05C_12 Datasheet HTML 2Page - Bourns Electronic Solutions CDSOT236-T05C_12 Datasheet HTML 3Page - Bourns Electronic Solutions CDSOT236-T05C_12 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Lead free device
RoHS compliant*
Unidirectional and bidirectional
configurations
Protects 4 or 5 lines
ESD, EFT and surge protection
Applications
Cell phones
PDAs and notebooks
Digital cameras
GPS
MP3 players
Electrical & Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
CDSOT236-T05~T24C Series - TVS Diode Arrays
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Notes:
1. See Peak Pulse Power vs. Pulse Time.
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers Transient Voltage Suppressor Array diodes for ESD, EFT and surge
protection applications, in SOT23-6 package size format. The Transient Voltage
Suppressor Array series offers a choice of voltage types ranging from 5 V to 24 V in
a bidirectional configuration. Bourns® Chip Diodes conform to JEDEC standards, are
easy to handle on standard pick and place equipment and their flat configuration mini-
mizes roll away.
The Bourns® device will meet IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and IEC
61000-4-5 (Surge) requirements.
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20 µs) 1
PPP
350
W
Operating Temperature
TJ
-55 to +150
ºC
Storage Temperature
TSTG
-55 to +150
ºC
1
2
3
6
UNIDIRECTIONAL
BIDIRECTIONAL
5
4
1
2
3
6
5
4
Parameter
Symbol
CDSOT236-
Unit
Uni-
T05
Bi-
T05C
Uni-
T12
Bi-
T12C
Uni-
T15
Bi-
T15C
Uni-
T24
Bi-
T24C
Min. Breakdown Voltage @ 1 mA
VBR
6.0
6.0
13.3
13.3
16.7
16.7
26.7
26.7
V
Working Peak Voltage
VWM
5.0
5.0
12.0
12.0
15.0
15.0
24.0
24.0
V
Max. Clamping Voltage @ IP = 1 A
VC
9.8
9.8
19.0
19.0
24.0
24.0
43.0
43.0
V
Max. Clamping Voltage @ 8/20 µs @
IPP
VC
21.0 V
@ 17 A
21.0 V
@ 17 A
29.2 V
@ 12 A
29.2 V
@ 12 A
34.6 V
@ 10 A
34.6 V
@ 10 A
58.3 V
@ 6 A
58.3 V
@ 6 A
V
Max. Leakage Current @ VWM
ID
20
20
111111
µA
Typ. Capacitance @ 0 V, 1 MHz
CJ
150
150
80
80
50
50
40
40
pF
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - CDSOT236-T05C_12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT236-T05C BOURNS-CDSOT236-T05C Datasheet
365Kb / 3P
   CDSOT236-T05~T24C Series - TVS Diode Arrays
More results

Similar Description - CDSOT236-T05C_12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
   TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
   TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
   TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
   TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
   TVS Diode Arrays
SP720 LITTELFUSE-SP720 Datasheet
169Kb / 6P
   TVS Diode Arrays
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDNBS08-SMDA05-6 BOURNS-CDNBS08-SMDA05-6 Datasheet
289Kb / 4P
   Capacitance TVS Diode Arrays
logo
Littelfuse
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
   TVS Diode Arrays (SPA짰 Diodes)
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com