Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDS0T23-T03LC Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDS0T23-T03LC
Description  Low Capacitance TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDS0T23-T03LC Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDS0T23-T03LC Datasheet HTML 1Page - Bourns Electronic Solutions CDS0T23-T03LC Datasheet HTML 2Page - Bourns Electronic Solutions CDS0T23-T03LC Datasheet HTML 3Page - Bourns Electronic Solutions CDS0T23-T03LC Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDSOT23-T03LC~T36LC — Low Capacitance TVS Diode Array Series
Performance Graphs
Peak Pulse Power vs Pulse Time
Pulse Wave Form
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
Power Derating Curve
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
Block Diagram
3
1
2
The device block diagram below includes the pin names and basic
electrical connections.
Typical Part Marking
CDSOT23-T03LC ..........................................................................03L
CDSOT23-T05LC ..........................................................................05L
CDSOT23-T08LC ..........................................................................08L
CDSOT23-T12LC ..........................................................................12L
CDSOT23-T15LC ..........................................................................15L
CDSOT23-T24LC ..........................................................................24L
CDSOT23-T36LC ..........................................................................36L
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
500 W, 8/20 µs Waveform


Similar Part No. - CDS0T23-T03LC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
More results

Similar Description - CDS0T23-T03LC

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com