Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A43L0616AV-5 Datasheet(PDF) 6 Page - AMIC Technology

Part # A43L0616AV-5
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L0616AV-5 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A43L0616AV-5 Datasheet HTML 2Page - AMIC Technology A43L0616AV-5 Datasheet HTML 3Page - AMIC Technology A43L0616AV-5 Datasheet HTML 4Page - AMIC Technology A43L0616AV-5 Datasheet HTML 5Page - AMIC Technology A43L0616AV-5 Datasheet HTML 6Page - AMIC Technology A43L0616AV-5 Datasheet HTML 7Page - AMIC Technology A43L0616AV-5 Datasheet HTML 8Page - AMIC Technology A43L0616AV-5 Datasheet HTML 9Page - AMIC Technology A43L0616AV-5 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
A43L0616A
(May, 2001, Version 1.0)
5
AMIC Technology, Inc.
Decoupling Capacitance Guide Line
Recommended decoupling capacitance added to power line at board.
Parameter
Symbol
Value
Unit
Decoupling Capacitance between VDD and VSS
CDC1
0.1 + 0.01
µF
Decoupling Capacitance between VDDQ and VSSQ
CDC2
0.1 + 0.01
µF
Note: 1. VDD and VDDQ pins are separated each other.
All VDD pins are connected in chip. All VDDQ pins are connected in chip.
2. VSS and VSSQ pins are separated each other
All VSS pins are connected in chip. All VSSQ pins are connected in chip.
DC Electrical Characteristics
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C or -40ºC to +85ºC)
Speed
Symbol
Parameter
Test Conditions
CAS
Latency
-5
-5.5
-6
-7
Unit
Notes
Icc1
Operating Current
(One Bank Active)
Burst Length = 1
tRC
≥ tRC(min), tCC ≥ tCC(min), IOL = 0mA
230
210
190
160
mA
1
Icc2 P
CKE
≤ VIL(max), tCC = 15ns
1
Icc2 PS
Precharge Standby
Current in power-
down mode
CKL
≤ VIL(max), tCC = ∞
1
mA
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
15
ICC2NS
Precharge Standby
Current in non
power-down mode
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable.
4
mA
ICC3 P
CKE
≤ VIL(max), tCC = 15ns
2
ICC3 PS
Active Standby
Current in power-
down mode
CKE
≤ VIL(max) tCC = ∞
1
mA
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
25
ICC3NS
Active Standby
current in non
power-down mode
(One Bank Active)
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable.
15
mA
3
250
230
210
180
ICC4
Operating Current
(Burst Mode)
IOL = 0mA, Page Burst
All bank Activated, tCCD = tCCD (min)
2
-
-
-
180
mA
1
ICC5
Refresh Current
tRC
≥ tRC (min)
250
230
210
180
mA
2
ICC6
Self Refresh
Current
CKE
≤ 0.2V
1
mA
Note: 1. Measured with outputs open. Addresses are changed only one time during tCC(min).
2. Refresh period is 32ms. Addresses are changed only one time during tCC(min).


Similar Part No. - A43L0616AV-5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616BV AMICC-A43L0616BV Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616BV-6 AMICC-A43L0616BV-6 Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616BV-6F AMICC-A43L0616BV-6F Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43L0616AV-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com