Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDNBS08-T03C Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDNBS08-T03C
Description  TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS08-T03C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDNBS08-T03C Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS08-T03C Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS08-T03C Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS08-T03C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDNBS08-T03~T36C - TVS Diode Array Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
500 W, 8/20 µs Waveform
tt
et
td = t
|IPP/2
Performance Graphs
Peak Pulse Power vs Pulse Time
Pulse Waveform
Block Diagram
Power Derating Curve
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
8765
1234
8765
1234
Unidirectional
Bidirectional
Device Pinout
Pin
Function
1
I/O 1
2
I/O 2
3
I/O 3
4
I/O 4
5
GND
6
GND
7
GND
8
GND


Similar Part No. - CDNBS08-T03C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-T03C BOURNS-CDNBS08-T03C Datasheet
335Kb / 4P
   CDNBS08-T03~T36C - TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C Datasheet
333Kb / 4P
   RoHS compliant
More results

Similar Description - CDNBS08-T03C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com