Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDNBS16-T03C Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CDNBS16-T03C
Description  TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS16-T03C Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CDNBS16-T03C Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS16-T03C Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS16-T03C Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS16-T03C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDNBS16-T03~T36C – TVS Diode Array Series
Features
Lead free device (RoHS Compliant*)
Protects 8 lines
Unidirectional & bidirectional
configurations
ESD protection
Applications
Audio/video inputs
RS-232, RS-422 & RS-423 data lines
Portable electronics
Medical sensors
General Information
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers Transient Voltage Suppressor Array diodes for surge and ESD
protection applications, in 16 Lead Narrow Body SOIC package size format. The
Transient Voltage Suppressor Array series offer a choice of voltage types ranging
from 3 V to 36 V in unidirectional and bidirectional configurations. Bourns® Chip
Diodes conform to JEDEC standards, are easy to handle on standard pick and place
equipment and their flat configuration minimizes roll away.
The Bourns® device will meet IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and
IEC 61000-4-5 (Surge) requirements.
Parameter
Symbol
Max.
Unit
Operating Temperature
TJ
-55 to +150
°C
Storage Temperature
TSTG
-55 to +150
°C
Notes:
1. See Pulse Wave Form.
2. See Peak Pulse Power vs. Pulse Time.
3. Only applies to unidirectional devices.
4. Part numbers with a “C” suffix are bidirectional devices, i.e., CDNBS16-T03C.
16
15
14
13
UNIDIRECTIONAL
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
BIDIRECTIONAL
12
11
10
9
1
2
3
4
5
6
7
8
Parameter
Symbol
CDNBS16-
Unit
Uni-
Bi-
Uni-
Bi-
Uni-
Bi-
Uni-
Bi-
Uni-
Bi-
Uni-
Bi-
Uni-
Bi-
T03 T03C T05 T05C T08 T08C T12 T12C T15 T15C T24 T24C T36 T36C
Minimum Breakdown Voltage
@ 1 mA
VBR
4.5
6.0
8.5
13.3
16.7
26.7
40.0
V
Working Peak Voltage
VWM
3.0
5.0
8.0
12.0
15.0
24.0
36.0
V
Maximum Clamping Voltage
VC @ IP = 1 A1
VC
8.0
9.8
13.4
19.0
25.5
40.0
53.0
V
Maximum Clamping Voltage
@ 8/20 µs VC @ IPP1
VC
23 V
@ 43 A
24 V
@ 42 A
26 V
@ 30 A
33 V
@ 21 A
39 V
@ 15 A
57 V
@ 10 A
72 V
@ 7 A
V
Maximum Leakage Current
@ VWM
ID
125
20
10
2
2
2
2
µA
Maximum Capacitance
@ 0 V, 1 MHz
Cj(SD)
15
pF
Temperature Coefficient
of VBR
-3
3
9
16
17
26
36
mV/°C
Peak Pulse Power
(tp = 8/20 µs)2
PPP
500
W
Forward Voltage @ 100 mA,
300 µs – Square Wave3
VF
1.5
V
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - CDNBS16-T03C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS16-T03C BOURNS-CDNBS16-T03C Datasheet
517Kb / 4P
   CDNBS16-T03~T36C - TVS Diode Array Series
More results

Similar Description - CDNBS16-T03C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
   TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
   TVS Diode Array Series
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com