Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV34D60KA Datasheet(PDF) 6 Page - World Produts Inc.

Part # EV34D60KA
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV34D60KA Datasheet(HTML) 6 Page - World Produts Inc.

Back Button EV34D60KA Datasheet HTML 2Page - World Produts Inc. EV34D60KA Datasheet HTML 3Page - World Produts Inc. EV34D60KA Datasheet HTML 4Page - World Produts Inc. EV34D60KA Datasheet HTML 5Page - World Produts Inc. EV34D60KA Datasheet HTML 6Page - World Produts Inc. EV34D60KA Datasheet HTML 7Page - World Produts Inc. EV34D60KA Datasheet HTML 8Page - World Produts Inc. EV34D60KA Datasheet HTML 9Page - World Produts Inc. EV34D60KA Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
4 | Metal Oxide Varistors - EV Series
(1) Series
EV= Environmental Varistor
(All parts are RoHS compliant & halogen free.)
(2) Disk Diameter
05 = 5mm, 07 = 7mm, 10 = 10mm,
14 = 14mm, 20 = 20mm, 22 = 22mm,
34 = 34mm
(3) Type
D = Standard
(4) AC RMS Voltage Rating
130 = 130VAC
(5) Tolerance
J = ± 5%, K = ±10%
(6) Lead Type
Nil = Standard wire straight lead configuration
applies for 5mm to 20mm disk size.
(for 22mm & 34mm disk size standard tab lead
configuration applies).
P = Pin Type (only offered for 22mm & 34mm disk
size, standard lead configuration applies).
B = Uncoated disk with leads (standard lead
configuration applies).
A = Uncoated disk without leads. For 22mm disk size
with optional dimension of 20mm x 20mm ± 1mm
use “L” in this position.
PB = Uncoated disk Pin Type (offered only for 22mm
& 34mm disk size, standard tab lead
configuration applies).
W = Wire lead for 22mm disk size.
(7) Surge Type
Nil = Standard Series
J = High Energy (for 5mm through 20mm)
H = Ultra High Energy (14mm, 20mm &
34mm)
(8) Coating Option
Nil = Standard halogen free epoxy coating
S = Flame retardant coating (only available on for disk
sizes 5mm to 20mm)
(9) Lead Configuration Options (wire or tab type)
(see notes below)
Nil = Straight lead
I =
Inward Crimp (wire leads only-not applicable for
22mm & 34mm disk sizes.)
O = Outward Crimp (wire leads only-not applicable
for 22mm & 34mm disk sizes.)
L = InLine Crimp (wire leads only-not applicable for
22mm & 34mm disk sizes.)
N = For ≥420VAC parts requested without inline
crimp
(see note 3 below).
(10) Lead Spacing Option
Nil = Standard lead spacing (please reference
standard dimensions and lead modification
options)
X = 10mm lead spacing for 20mm disk size.
Y = 14mm lead spacing for 22mm disk size.
U = 22mm lead spacing for 34mm disk size.
F = 5mm lead spacing for 10mm and 14mm disk size.
NOTES:
1. For taped parts see taping specifications for suffix code. (Note:
taping suffix codes follow format of basic part number, therefore,
taping suffix code may be located in positions 6, 8, 9 or 10.)
2. All disk sizes are available in several lead options. Contact WPI
for additional information.
3. For disk sizes 5mm through 20mm rated - parts ≥420VAC
provided standard with inline crimp (see illustration above) for
straight disk seating on PC boards.
Part Numbering System
EV 20
D
130 K
-
J S
I
X
–– –– ––– –– –– ––
–– –– –– ––
(1)
(2)
(3)
(4)
(5) (6)
(7) (8) (9) (10)
L
3.0mm
(0.12") max
Seating
Plane
(Inline Crimp)


Similar Part No. - EV34D60KA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3410DJ-00A MPS-EV3410DJ-00A Datasheet
156Kb / 4P
   1.8V Minimum Input, 3.3V/300mA Output Synchronous Boost Converter EV Board
EV3412EJ-00A MPS-EV3412EJ-00A Datasheet
149Kb / 4P
   1.1A Synchronous Boost White LED Driver Evaluation Board
EV3414-J-00A MPS-EV3414-J-00A Datasheet
275Kb / 5P
   1.8A, 1MHz Synchronous Boost Converter Evaluation Board
EV3414A-J-00A MPS-EV3414A-J-00A Datasheet
582Kb / 7P
   3A, 1MHz Synchronous Step-Up Converter with Output Disconnect Evaluation Board
EV3415-G-00A MPS-EV3415-G-00A Datasheet
477Kb / 7P
   3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
More results

Similar Description - EV34D60KA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com