Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD6NK50ZT4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD6NK50ZT4
Description  N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6NK50ZT4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD6NK50ZT4 Datasheet HTML 3Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 4Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 5Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 6Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 7Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 8Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 9Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 10Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
STP6NK50Z - STF6NK50Z - STD6NK50Z
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load


Similar Part No. - STD6NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD6NK50ZT4 STMICROELECTRONICS-STD6NK50ZT4 Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
More results

Similar Description - STD6NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
   N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STP4NC50 STMICROELECTRONICS-STP4NC50 Datasheet
107Kb / 9P
   N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com