Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC30090100A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PC30090100A
Description  FR4 Penta-band GSM Antenna 100mm 1.13 coax MMCX(M)RA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC30090100A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PC30090100A Datasheet HTML 1Page - List of Unclassifed Manufacturers PC30090100A Datasheet HTML 2Page - List of Unclassifed Manufacturers PC30090100A Datasheet HTML 3Page - List of Unclassifed Manufacturers PC30090100A Datasheet HTML 4Page - List of Unclassifed Manufacturers PC30090100A Datasheet HTML 5Page - List of Unclassifed Manufacturers PC30090100A Datasheet HTML 6Page - List of Unclassifed Manufacturers PC30090100A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPE-12-8-058/A/ZL
Page 5 of 7
III.3 Efficiency
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
600
1000
1400
1800
2200
Frequency (MHz)


Similar Part No. - PC30090100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC30090100A TAOGLAS-PC30090100A Datasheet
322Kb / 7P
   FR4 Penta-band GSM Antenna
More results

Similar Description - PC30090100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC30.09.0100A TAOGLAS-PC30.09.0100A Datasheet
459Kb / 7P
   FR4 Penta-band GSM Antenna 100mm 1.13 coax MMCX(M)RA
logo
List of Unclassifed Man...
PC23090100A ETC2-PC23090100A Datasheet
381Kb / 7P
   AMPS/GSM/PCS/DCS Cellular PCB Antenna 100mm 1.13 MMCX(M)RA
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
PC30.07.0100A TAOGLAS-PC30.07.0100A Datasheet
472Kb / 7P
   FR4 Penta-band GSM Antenna
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
logo
Taoglas antenna solutio...
PC30090100A TAOGLAS-PC30090100A Datasheet
322Kb / 7P
   FR4 Penta-band GSM Antenna
logo
List of Unclassifed Man...
FXP07090100A ETC2-FXP07090100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 1.13 cable Right angle MMCX connector
logo
Taoglas antenna solutio...
FXP07090100A TAOGLAS-FXP07090100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna, 100mm 1.13cable, right angle MMCX connector
FXP07070100A TAOGLAS-FXP07070100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com