Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A426316BV-35 Datasheet(PDF) 9 Page - AMIC Technology

Part # A426316BV-35
Description  64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A426316BV-35 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A426316BV-35 Datasheet HTML 5Page - AMIC Technology A426316BV-35 Datasheet HTML 6Page - AMIC Technology A426316BV-35 Datasheet HTML 7Page - AMIC Technology A426316BV-35 Datasheet HTML 8Page - AMIC Technology A426316BV-35 Datasheet HTML 9Page - AMIC Technology A426316BV-35 Datasheet HTML 10Page - AMIC Technology A426316BV-35 Datasheet HTML 11Page - AMIC Technology A426316BV-35 Datasheet HTML 12Page - AMIC Technology A426316BV-35 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
A426316B Series
PRELIMINARY
(November, 2000, Version 0.0)
8
AMIC Technology, Inc.
AC Characteristics (continued)
(VCC = 5V
± 10%, VSS = 0V, Ta = 0°C to +70°C)
#
Std
Symbol
Parameter
-30
-35
-40
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
38
tCWD
CAS
to WE Delay Time
(Read-Modify-Write)
26
-
28
-
30
-
ns
11
39
tAWD
Column Address to WE Delay Time
(Read-Modify-Write)
32
-
35
-
35
-
ns
11
40
tRASS
RAS
Pulse Width (Self Refresh Mode)
300
-
300
-
300
-
µs
41
tCPN
CAS
Precharge Time
( CAS before RAS )
10
100K
10
100K
10
100K
ns
42
tPC
Read or Write Cycle Time (EDO Page)
12
-
14
-
15
-
ns
14
43
tCPA
Access Time from CAS Precharge
(EDO Page)
-
19
-
21
-
23
ns
13
44
tCP
CAS
Precharge Time (EDO Page)
3
-
4
-
5
-
ns
45
tPRM
EDO Page Mode RMW Cycle Time
56
-
58
-
60
-
ns
46
tCRW
EDO Page Mode CAS Pulse Width
(RMW)
-
44
-
46
-
48
ns
47
tRASP
RAS
Pulse Width (EDO Page)
30
75K
35
75K
40
75K
ns
48
tCSR
CAS
Setup Time ( CAS -before- RAS )
0
-
0
-
0
-
ns
3
49
tCHR
CAS
Hold Time ( CAS -before- RAS )
7
-
8
-
8
-
ns
3
50
tRPC
RAS
to CAS Precharge Time
( CAS -before- RAS )
0
-
0
-
0
-
ns
51
tROH
RAS
Hold Time Reference to OE
6
-
7
-
8
-
ns
52
tOEA
OE
Access Time
-
10
-
11
-
12
ns
53
tOED
OE
to Data Delay
5
-
5
-
5
-
ns
54
tOEZ
Output Buffer Turn-off Delay from OE
0
5
0
6
0
6
ns
8


Similar Part No. - A426316BV-35

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A4264B-2SUR-S530-A3 EVERLIGHT-A4264B-2SUR-S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2 EVERLIGHT-A4264B-2SYG-S530-E2 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2-C199 EVERLIGHT-A4264B-2SYG-S530-E2-C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B/2SUR/S530-A3 EVERLIGHT-A4264B/2SUR/S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B/2SYG/S530-E2/C199 EVERLIGHT-A4264B/2SYG/S530-E2/C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results

Similar Description - A426316BV-35

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com