Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A426316BS-40 Datasheet(PDF) 2 Page - AMIC Technology

Part # A426316BS-40
Description  64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A426316BS-40 Datasheet(HTML) 2 Page - AMIC Technology

  A426316BS-40 Datasheet HTML 1Page - AMIC Technology A426316BS-40 Datasheet HTML 2Page - AMIC Technology A426316BS-40 Datasheet HTML 3Page - AMIC Technology A426316BS-40 Datasheet HTML 4Page - AMIC Technology A426316BS-40 Datasheet HTML 5Page - AMIC Technology A426316BS-40 Datasheet HTML 6Page - AMIC Technology A426316BS-40 Datasheet HTML 7Page - AMIC Technology A426316BS-40 Datasheet HTML 8Page - AMIC Technology A426316BS-40 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A426316B Series
Preliminary
64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
PRELIMINARY
(November, 2000, Version 0.0)
1
AMIC Technology, Inc.
Features
n Organization: 65,536 words X 16 bits
n Part Identification:
- A426316B
- A426316B-L (with self-refresh mode)
n High speed
- 30/35/40 ns RAS access time
- 16/18/20 ns column address access time
- 10/11/12 ns CAS access time
n Low power consumption
- Operating: 75mA (-30 max)
- Standby: 3 mA (TTL)
n Separate CAS ( UCAS ,LCAS ) for byte selection
n Self refresh mode
n 256 refresh cycles, 4 ms refresh interval
n Read-modify-write, RAS -only, CAS -before- RAS ,
Hidden refresh capability
n TTL-compatible, three-state I/O
n JEDEC standard packages
- 400mil, 40-pin SOJ
- 400mil, 40/44 TSOP type II package
n Single 5V power supply/built-in VBB generator
Pin Configuration
Pin Descriptions
n
n SOJ
n
nTSOP
VCC
I/O0
I/O1
NC
A1
A2
A3
VCC
A4
A5
A6
A7
NC
I/O13
I/O14
I/O15
VSS
21
WE
RAS
I/O12
OE
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
NC
NC
VCC
VSS
UCAS
LCAS
NC
I/O8
I/O9
I/O10
I/O11
VSS
20
19
18
12
16
17
13
14
15
11
10
9
8
7
6
5
4
3
2
1
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
VCC
I/O0
I/O1
NC
A1
A2
A3
A4
A5
A6
A7
NC
I/O13
I/O14
I/O15
VSS
23
WE
RAS
I/O12
OE
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
NC
NC
VCC
VSS
UCAS
LCAS
NC
I/O8
I/O9
I/O10
I/O11
VSS
22
21
20
14
18
19
15
16
17
13
10
9
8
7
6
5
4
3
2
1
24
25
26
27
28
29
30
31
32
35
36
37
38
39
40
41
42
43
44
VCC
Symbol
Description
A0 – A7
Address Inputs
I/O0 - I/O15
Data Input/Output
RAS
Row Address Strobe
UCAS
Column Address Strobe/Upper Byte Control
LCAS
Column Address Strobe/Lower Byte Control
WE
Write Enable
OE
Output Enable
VCC
+5V Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - A426316BS-40

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A4264B-2SUR-S530-A3 EVERLIGHT-A4264B-2SUR-S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2 EVERLIGHT-A4264B-2SYG-S530-E2 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2-C199 EVERLIGHT-A4264B-2SYG-S530-E2-C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B/2SUR/S530-A3 EVERLIGHT-A4264B/2SUR/S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B/2SYG/S530-E2/C199 EVERLIGHT-A4264B/2SYG/S530-E2/C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results

Similar Description - A426316BS-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com