Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMB44505F21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OMB44505F21
Description  Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OMB44505F21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OMB44505F21 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 6Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 7Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 8Page - List of Unclassifed Manufacturers OMB44505F21 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPE-13-8-042/A/SS |
page 1 of 9
OMB.445.05F21
Specification
Part No.
OMB.445.05F21
Product Name
Barracuda
Omni-Directional Indoor/Outdoor Antenna
4.4GHz-5GHz Public Safety Band 7dBi
Feature
Suitable to use in robust outdoor environment
RoHS compliant
Barracuda


Similar Part No. - OMB44505F21

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
More results

Similar Description - OMB44505F21

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
   Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Level One
OAN-1070 LVL1-OAN-1070 Datasheet
219Kb / 3P
   Omni-directional 7dBi Indoor Antenna
logo
Pulse A Technitrol Comp...
PSDAS4310F PULSE-PSDAS4310F Datasheet
1Mb / 19P
   Omni-Directional Public Safety/DAS Antenna
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
   5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
OMB915B03F21 ETC2-OMB915B03F21 Datasheet
411Kb / 9P
   3.5dBi 915MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
OMB891203F21 ETC2-OMB891203F21 Datasheet
523Kb / 11P
   3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Taoglas antenna solutio...
OMB891205F21 TAOGLAS-OMB891205F21 Datasheet
604Kb / 12P
   5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891203F21 TAOGLAS-OMB891203F21 Datasheet
523Kb / 11P
   3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
List of Unclassifed Man...
OMB891205F21 ETC2-OMB891205F21 Datasheet
566Kb / 12P
   5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
   9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com