Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A428316S Datasheet(PDF) 3 Page - AMIC Technology

Part # A428316S
Description  256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A428316S Datasheet(HTML) 3 Page - AMIC Technology

  A428316S Datasheet HTML 1Page - AMIC Technology A428316S Datasheet HTML 2Page - AMIC Technology A428316S Datasheet HTML 3Page - AMIC Technology A428316S Datasheet HTML 4Page - AMIC Technology A428316S Datasheet HTML 5Page - AMIC Technology A428316S Datasheet HTML 6Page - AMIC Technology A428316S Datasheet HTML 7Page - AMIC Technology A428316S Datasheet HTML 8Page - AMIC Technology A428316S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
A428316 Series
PRELIMINARY
(August, 2002, Version 0.3)
2
AMIC Technology, Inc.
Selection Guide
Symbol
Description
-25
-35
Unit
tRAC
Maximum RAS Access Time
25
35
ns
tAA
Maximum Column Address Access Time
12
17
ns
tCAC
Maximum CAS Access Time
8
10
ns
tOEA
Maximum Output Enable ( OE ) Access Time
8
10
ns
tRC
Minimum Read or Write Cycle Time
44
62
ns
tPC
Minimum EDO Cycle Time
12
16
ns
Functional Description
The A428316 reads and writes data by multiplexing an 18-
bit address into a 9-bit row and 9-bit column address.
RAS and CAS are used to strobe the row address and the
column address, respectively.
The A428316 has two CAS inputs: LCAS controls I/O0-
I/O7, and
UCAS controls I/O8 - I/O15, UCAS and LCAS
function in an identical manner to CAS in that either will
generate an internal CAS signal. The CAS function and
timing are determined by the first CAS ( UCAS or
LCAS ) to transition low and by the last to transition high.
Byte Read and Byte Write are controlled by using LCAS
and
UCAS separately.
A Read cycle is performed by holding the WE signal high
during RAS / CAS operation. A Write cycle is executed by
holding the WE signal low during RAS / CAS operation;
the input data is latched by the falling edge of WE or
CAS , whichever occurs later. The data inputs and outputs
are routed through 16 common I/O pins, with RAS , CAS ,
WE and OE controlling the in direction.
EDO Page Mode operation all 512 columns within a
selected row to be randomly accessed at a high data rate.
A EDO Page Mode cycle is initiated with a row address
latched by RAS followed by a column address latched by
CAS . While holding RAS low, CAS can be toggled to
strobe changing column addresses, thus achieving shorter
cycle times.
The A428316 offers an accelerated Fast Page Mode cycle
through a feature called Extended Data Out, which keeps
the output drivers on during the CAS precharge time (tcp).
Since data can be output after CAS goes high, the user is
not required to wait for valid data to appear before starting
the next access cycle. Data-out will remain valid as long as
RAS and OE are low, and WE is high; this is the only
characteristic which differentiates Extended Data Out
operation from a standard Read or Fast Page Read.
A memory cycle is terminated by returning both RAS and
CAS high. Memory cell data will retain its correct state by
maintaining power and accessing all 512 combinations of
the 9-bit row addresses, regardless of sequence, at least
once every 8ms through any RAS cycle (Read, Write) or
RAS Refresh cycle ( RAS -only, CBR, or Hidden). The CBR
Refresh cycle automatically controls the row addresses by
invoking the refresh counter and controller.
Power-On
The initial application of the VCC supply requires a 200 µs
wait followed by a minimum of any eight initialization cycles
containing a RAS clock. During Power-On, the VCC
current is dependent on the input levels of RAS and CAS .
It is recommended that RAS and CAS track with VCC or
be held at a valid VIH during Power-On to avoid current
surges.


Similar Part No. - A428316S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - A428316S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com