Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1HAKR68X Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECA1HAKR68X
Description  Aluminum Electrolytic Capacitor/ AK (For Audio)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1HAKR68X Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ECA1HAKR68X Datasheet HTML 1Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 2Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 3Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 4Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 5Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 6Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 7Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 8Page - Panasonic Semiconductor ECA1HAKR68X Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Aluminum Electrolytic Capacitor
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE20 –
2.4
Flow Soldering
(1) Don not immerse the capacitor body into the
solder bath as excessive internal pressure could
result.
(2) Observe proper soldering conditions (temperature,
time, etc.). Do not exceed the specified limits.
(3) Do not allow other parts or components to touch
the capacitor during soldering.
2.5
Reflow Soldering for Chip Capacitors
(1) For reflow, use a thermal conduction system such
as infrared radiation (IR) or hot blast. Vapor heat
transfer systems (VPS) are not recommended.
(2) Observe proper soldering conditions (temperature,
time, etc.). Do not exceed the specified limits.
(3) Reflow should be performed one time. Consult us
for additional reflow restrictions.
2.7 Capacitor Handling after Soldering
(1) Avoid movement of the capacitor after soldering
to prevent excessive stress on the leadwires
where they enter the seal.
(2) Do not use the capacitor as a handle when
moving the circuit board assembly.
(3) Avoid striking the capacitor after assembly to
prevent failure due to excessive shock.
2.8
Circuit Board Cleaning
(1) Circuit boards can be immersed or ultrasonically
cleaned using suitable cleaning solvents for up
to 5 minutes and up to 6 0
° C maxi m u m
temperatures. The boards should be thoroughly
rinsed and dried.
Recommended cleaning solvents include
Pine Alpha ST-100S, Sunelec B-12, DK Beclear
CW-5790, Aqua Cleaner 210SEP, Cold Cleaner
P3-375, Telpen Cleaner EC-7R, Clean-thru 750H,
Clean-thru 750L, Clean thru 710M, Techno
Cleaner 219, Techno Care FRW-17, Techno
Care FRW-1, Techno Care FRV-1, IPA (isopropyl
alcohol)
V The use of ozone depleting cleaning agents are
not recommended in the interest of protecting
the environment.
(2) Avoid using the following solvent groups unless
specifically allowed for in the specification;
q Halogenated cleaning solvents: except for solvent
resistant capacitor types, halogenated solvents
can p ermeate the seal and cause internal
capacitor corrosion and failure. For solvent
resistant capacitors, carefully follow the
temperature and time requirements of the
specificaion. 1-1-1 trichloroe thane should never
be used on any aluminium electrolytic capacitor.
q Alkali solvents: could attack and dissolve the
aluminum case.
q Petroleum based solvents: deterioration of the
rubber seal could result.
q Xylene: deterioration of the rubber seal could
result.
q Acetone: removal of the ink markings on the
vinyl sleeve could result.
Time in
200°C or more
250
200
150
100
50
120 (s)
5 (s)
Time
240
230
220
210
0
10
20
30
40
50
60
240
230
220
210
0
10
20
30
40
50
60
2.6 Other Soldering Considerations
Rapid temperature rises during the preheat
operation and resin bonding operation can cause
cracking of the capacitor vinyl sleeve. For heat
curing, do not exceed 150
°C for a maximum time of
2 minutes.
V Temperature me asuring method: Measure
temperature in assuming quantitative production, by
sticking the thermo-couple to the capacitor upper
part with epoxy adhesives.
Peak
temperature
Chip capacitor reflow guaranteed condition
Time in 200
°C or more (s)
(
φ3 to 6.3φ)
Time in 200
°C or more (s)
(
φ8 to φ10)
160
°C
240
230
220
210
0
10
20
30
40
50
60
EB Series
Time in 200
°C or more (s)
(
φ10 to φ18)


Similar Part No. - ECA1HAKR68X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1HEN010 PANASONIC-ECA1HEN010 Datasheet
100Kb / 2P
   Radial Lead Type
ECA1HEN100 PANASONIC-ECA1HEN100 Datasheet
100Kb / 2P
   Radial Lead Type
ECA1HEN100 PANASONIC-ECA1HEN100 Datasheet
59Kb / 2P
   Radial Lead Type
ECA1HEN101 PANASONIC-ECA1HEN101 Datasheet
100Kb / 2P
   Radial Lead Type
ECA1HEN101 PANASONIC-ECA1HEN101 Datasheet
59Kb / 2P
   Radial Lead Type
More results

Similar Description - ECA1HAKR68X

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com