Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7981A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7981A
Description  3 A step-down switching regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7981A Datasheet HTML 4Page - STMicroelectronics L7981A Datasheet HTML 5Page - STMicroelectronics L7981A Datasheet HTML 6Page - STMicroelectronics L7981A Datasheet HTML 7Page - STMicroelectronics L7981A Datasheet HTML 8Page - STMicroelectronics L7981A Datasheet HTML 9Page - STMicroelectronics L7981A Datasheet HTML 10Page - STMicroelectronics L7981A Datasheet HTML 11Page - STMicroelectronics L7981A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Functional description
L7981
8/44
Doc ID 15182 Rev 3
5
Functional description
The L7981 is based on a “voltage mode”, constant frequency control. The output voltage
VOUT is sensed by the feedback pin (FB) compared to an internal reference (0.6 V) providing
an error signal that, compared to a fixed frequency sawtooth, controls the on and off time of
the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
A fully integrated oscillator that provides sawtooth to modulate the duty cycle and the
synchronization signal. Its switching frequency can be adjusted by an external resistor.
The voltage and frequency feed forward are implemented.
The soft-start circuitry to limit inrush current during the start up phase.
The voltage mode error amplifier
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch.
The high-side driver for embedded p-channel power MOSFET switch.
The peak current limit sensing block, to handle over load and short circuit conditions.
A voltage regulator and internal reference. It supplies internal circuitry and provides a
fixed internal reference.
A voltage monitor circuitry (UVLO) that checks the input and internal voltages.
A thermal shutdown block, to prevent thermal run away.
Figure 3.
Block diagram
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
0.6V
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
UVLO
0.6V
REGULATOR
&
BANDGAP
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM


Similar Part No. - L7981A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
More results

Similar Description - L7981A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
   3 A step-down switching regulator
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
   3 A step-down monolithic switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com