Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A426316BV Datasheet(PDF) 11 Page - AMIC Technology

Part # A426316BV
Description  64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A426316BV Datasheet(HTML) 11 Page - AMIC Technology

Back Button A426316BV Datasheet HTML 7Page - AMIC Technology A426316BV Datasheet HTML 8Page - AMIC Technology A426316BV Datasheet HTML 9Page - AMIC Technology A426316BV Datasheet HTML 10Page - AMIC Technology A426316BV Datasheet HTML 11Page - AMIC Technology A426316BV Datasheet HTML 12Page - AMIC Technology A426316BV Datasheet HTML 13Page - AMIC Technology A426316BV Datasheet HTML 14Page - AMIC Technology A426316BV Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
A426316B Series
PRELIMINARY
(November, 2000, Version 0.0)
10
AMIC Technology, Inc.
tRAS(3)
tRP(2)
tRC(1)
tCRP(9)
tCSH(8)
tRCD(5)
tRSH(7)
tCAS(4)
tASR(10)
tCRP(9)
tRAH(11)
tASC(24)
tCAH(25)
tRAD(6)
tRAL(20)
tRCH(18)
tRRH(19)
tAR(16)
tRCS(17)
tROH(51)
tOEA(52)
tRAC(13)
tAA(15)
tCAC(14)
tCLZ(12)
tOEZ(54)
tOFF(23)
High-Z
: High or Low
Valid Data-out
Row Address
Column Address
I/O0 ~
I/O15
OE
WE
A0 ~ A7
UCAS
LCAS
RAS
Word Read Cycle


Similar Part No. - A426316BV

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A4264B-2SUR-S530-A3 EVERLIGHT-A4264B-2SUR-S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2 EVERLIGHT-A4264B-2SYG-S530-E2 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2-C199 EVERLIGHT-A4264B-2SYG-S530-E2-C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B/2SUR/S530-A3 EVERLIGHT-A4264B/2SUR/S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B/2SYG/S530-E2/C199 EVERLIGHT-A4264B/2SYG/S530-E2/C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results

Similar Description - A426316BV

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com