Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1CAK101X Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECA1CAK101X
Description  Aluminum Electrolytic Capacitor/ AK (For Audio)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1CAK101X Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECA1CAK101X Datasheet HTML 1Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 2Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 3Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 4Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 5Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 6Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 7Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 8Page - Panasonic Semiconductor ECA1CAK101X Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Aluminum Electrolytic Capacitor/ AK (For Audio)
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and / or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– Aud2 –
- 40 to + 85
°C
6.3
to 50 V .DC
0.1 to 330 µ F
±20 % (120Hz/+20
°C)
AK
A(Radial Leads)
Series:
Type :
6.3
10
16
25
35
50
47
100
220
330
33
220
10
22
33
47
100
10
22
47
33
47
0.1
0.22
0.33
0.47
0.68
1
2.2
3.3
4.7
10
22
33
4
5
6.3
8
4
8
4
4
5
5
6.3
4
5
6.3
8
4
4
4
4
4
4
4
4
4
4
5
6.3
8
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
0.33
0.33
0.33
0.33
0.25
0.25
0.20
0.20
0.20
0.20
0.20
0.15
0.15
0.15
0.12
0.12
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
ECA0JAK470X( )
ECA0JAK101X( )
ECA0JAK221X( )
ECA1AAK331X( )
ECA1AAK330X( )
ECA1AAK221X( )
ECA1CAK100X( )
ECA1CAK220X( )
ECA1CAK330X( )
ECA1CAK470X( )
ECA1CAK101X( )
ECA1EAK100X( )
ECA1EAK220X( )
ECA1EAK470X( )
ECA1VAK330X( )
ECA1VAK470X( )
ECA1HAK0R1X( )
ECA1HAKR22X( )
ECA1HAKR33X( )
ECA1HAKR47X( )
ECA1HAKR68X( )
ECA1HAK010X( )
ECA1HAK2R2X( )
ECA1HAK3R3X( )
ECA1HAK4R7X( )
ECA1HAK100X( )
ECA1HAK220X( )
ECA1HAK330X( )
46
71
103
130
43
120
28
39
60
70
91
28
55
70
65
85
1
2
3
5
7
10
16
16
23
35
60
75
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
2000
2000
2000
1000
2000
1000
2000
2000
2000
2000
2000
2000
2000
2000
1000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
1000
L+1 max
14 min
3 min
φd±0.05
φD+0.5 max
Marking
(White)
(V)
(µF)
(mm) (mm)
(pcs) (pcs)
(mm)
(mm)
h B
h i
(m A)
(mm)
(mm)
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
0.45
1.5
2.0
2.5
2.5
1.5
2.5
1.5
1.5
2.0
2.0
2.5
1.5
2.0
2.5
2.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
2.0
2.5
2.5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Radial Lead Type
s Specifications
s Features
s Recommended Applications
Endurance: 85
°C 1000 h . 7 mm height. Newly type
electrolytic, separator. Clear and speedy sound.
Ammplifier. CD Player. Hi-Fi VTR. Car Audio. Electric piano
Category temp. range
Rated W.V. Range
Nominal Cap. Range
DC Leakage Current
Capacitance Tolerance
Dissipation Factor
Endurance
Shelf Life
Please see the attached standard products list
After applying rated working voltage for 1000 hours at +85 ±2
°C and then being stabilized at
+20
°C, capacitor shall meet the following limits.
Capacitance change
D.F.
DC leakage current
± 20% of initial measured value
< 200 % of initial specified value
< initial specified value
After storage for 1000 hours at +85±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in “Endurance”.(With voltage treatment)
s Dimensions in mm (not to scale)
P.V.C.Sleeve (Clear Blue)
W.V.
Cap.
(±20%)
Case size
Dia.
Length
Ripple
current
(120Hz)
(+85
ûC)
D.F.
Lead
Dia.
Lead Length
Straight Taping
Lead Space
Taping
Part No.
Min .PackagingQ'ty
Taping
St raight
Leads
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, i=2.5mm.
The taping dimentions are explained on our Inter-Net Catalog (Taping Spec.). Please use it as a reference guide.
I
< 0.01 CV or 3(µ A) (Whichever is greater)
Standard Products
s
Specification
Japan


Similar Part No. - ECA1CAK101X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1CAM100X PANASONIC-ECA1CAM100X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM101X PANASONIC-ECA1CAM101X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM102X PANASONIC-ECA1CAM102X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM103X PANASONIC-ECA1CAM103X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
ECA1CAM220X PANASONIC-ECA1CAM220X Datasheet
666Kb / 33P
   ENGINEERING DRAFT
More results

Similar Description - ECA1CAK101X

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com