Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA520ABC008 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MA520ABC008
Description  2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA520ABC008 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MA520ABC008 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SPE-13-8-071/B/AS | page 3 of 22
MA.520.C.B208111.C208151
2. Specification
Standard
AMPS
GSM
DCS
PCS
3G
ISM
ISM
Band (MHz)
850
900
1800
1900
2100
2400
5000
Frequency (MHz)
824-894
880-960
1710-1880 1850-1990 1920-2170 2400-2483 5000-5825
Polarization
Linear
Impedance (Ohms)
50Ω
Gain (dBi)
Cable length
0.3
1.7
0.9
1.3
3.5
1.5
(Meter)
1.0
1.2
2.1
0.7
1.2
-0.3
3.8
-2.0
2.0
1.0
1.5
0.4
-0.5
-1.1
2.1
-3.2
3.0
0.9
1.0
-1.0
-1.5
-2.2
5.0
-1.0
-0.7
-4.5
-4.0
-4.3
-1.0
-4.2
Efficiency (%)
Cable length
0.3
50.5
40
38.
46.5
32.3
(Meter)
1.0
29
41
41
43.4
29.9
40.0
22.0
2.0
23.5
26.8
29
20.2
19.6
20.0
18.0
3.0
25
27
22.0
17.8
15.0
5.0
18
15.5
15
15.0
12.0
8.5
8.0
Return Loss (dB)
Cable length
0.3
-6.0
-5.5
-6.1
-6.2
-5.8
(Meter)
1.0
-7.8
-8
-11.4
-15.3
-13.7
-20.0
-10.0
2.0
-8.1
-8.5
-16.5
-20.3
-19.5
-18.0
-15.0
3.0
-11.0
-13
-17.5
-18.3
-18.1
5.0
-11.8
-14
-17.6
-17.8
-17.8
-25.0
-25.0
Radiation Properties
Omni-Directional
Max Input Power
10 Watts max.
Electrical


Similar Part No. - MA520ABC008

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA520ABC008 TAOGLAS-MA520ABC008 Datasheet
2Mb / 24P
   Hercules 2in 1 Cellular and Wi-Fi
More results

Similar Description - MA520ABC008

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008_18 Datasheet
1Mb / 24P
   Hercules 2in 1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna-Cellular
logo
List of Unclassifed Man...
WS01B305151 ETC2-WS01B305151 Datasheet
2Mb / 13P
   Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
   Heavy Duty Screw Mount Antenna
logo
World Produts Inc.
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
   3G Cellular, Wi-Fi and GPS Combo Antenna
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
   Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
World Produts Inc.
WPANT10045 WPI-WPANT10045 Datasheet
119Kb / 2P
   3G Cellular / Wi-Fi Embedded Antenna
logo
Taoglas antenna solutio...
MA530ACG003 TAOGLAS-MA530ACG003 Datasheet
1Mb / 16P
   Taoglas ?쏹ltima??Antenna Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
IS01B305111 ETC2-IS01B305111 Datasheet
666Kb / 13P
   433 MHz Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
IS01B305111 TAOGLAS-IS01B305111 Datasheet
933Kb / 15P
   433 MHz Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
A01C301111 ETC2-A01C301111 Datasheet
339Kb / 8P
   GPS Hercules Heavy Duty Screw Mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com