Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A420616S-45 Datasheet(PDF) 8 Page - AMIC Technology

Part # A420616S-45
Description  1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A420616S-45 Datasheet(HTML) 8 Page - AMIC Technology

Back Button A420616S-45 Datasheet HTML 4Page - AMIC Technology A420616S-45 Datasheet HTML 5Page - AMIC Technology A420616S-45 Datasheet HTML 6Page - AMIC Technology A420616S-45 Datasheet HTML 7Page - AMIC Technology A420616S-45 Datasheet HTML 8Page - AMIC Technology A420616S-45 Datasheet HTML 9Page - AMIC Technology A420616S-45 Datasheet HTML 10Page - AMIC Technology A420616S-45 Datasheet HTML 11Page - AMIC Technology A420616S-45 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
A420616 Series
PRELIMINARY
(June, 2002, Version 0.2)
7
AMIC Technology, Inc.
AC Characteristics (continued) (VCC = 5.0V
± 10%, VSS = 0V, Ta = 0°C to +70°C or -40°C to +85°C)
Test Conditions:
Input timing reference level: VIH/VIL=2.4V/0.8V
Output reference level: VOH/VOL=2.0V/0.8V
Output Load: 2TTL gate + CL (50pF)
Assumed tT=2ns
-45
-50
#
Std
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Notes
20
tRRH
Read Command Hold Time Reference to RAS
0
-
0
-
ns
9
21
tRAL
Column Address to RAS Lead Time
20
-
22
-
ns
22
tCOH
Output Hold After CAS Low
2
-
3
-
ns
23
tOFF
Output Buffer Turn-Off Delay Time
-
2
-
3
ns
8, 10
24
tASC
Column Address Setup Time
0
-
0
-
ns
25
tCAH
Column Address Hold Time
7
-
8
-
ns
26
tOES
OE Low to CAS High Set Up
10
-
10
-
ns
27
tWCS
Write Command Setup Time
0
-
0
-
ns
11
28
tWCH
Write Command Hold Time
7
-
8
-
ns
11
29
tWCR
Write Command Hold Time to RAS
40
-
45
-
ns
30
tWP
Write Command Pulse Width
7
-
8
-
ns
31
tRWL
Write Command to RAS Lead Time
12
-
13
-
ns
32
tCWL
Write Command to CAS Lead Time
7
-
8
-
ns
33
tDS
Data-in setup Time
0
-
0
-
ns
12
34
tDH
Data-in Hold Time
7
-
8
-
ns
12
35
tDHR
Data-in Hold Time to RAS
40
-
45
-
ns
36
tRWC
Read-Modify-Write Cycle Time
104
-
114
-
ns
37
tRWD
RAS to WE Delay Time (Read-Modify-Write)
59
-
65
-
ns
11
38
tCWD
CAS to WE Delay Time (Read-Modify-Write)
26
-
28
-
ns
11


Similar Part No. - A420616S-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A420 ETC2-A420 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Similar Description - A420616S-45

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com