Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0805562RFKEA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CRCW0805562RFKEA
Description  Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0805562RFKEA Datasheet(HTML) 7 Page - Vishay Siliconix

  CRCW0805562RFKEA Datasheet HTML 1Page - Vishay Siliconix CRCW0805562RFKEA Datasheet HTML 2Page - Vishay Siliconix CRCW0805562RFKEA Datasheet HTML 3Page - Vishay Siliconix CRCW0805562RFKEA Datasheet HTML 4Page - Vishay Siliconix CRCW0805562RFKEA Datasheet HTML 5Page - Vishay Siliconix CRCW0805562RFKEA Datasheet HTML 6Page - Vishay Siliconix CRCW0805562RFKEA Datasheet HTML 7Page - Vishay Siliconix CRCW0805562RFKEA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 20035
For technical questions in Europe, contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 04-Jul-07
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
113
D../CRCW.... e3
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Vishay
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
SIZE 0201 ONLY
TEST (clause)
CONDITIONS OF TEST
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR/R)
STABILITY CLASS 1
OR BETTER
STABILITY CLASS 2
OR BETTER
REQUIREMENTS
PERMISSIBLE
CHANGE (
ΔR/R)
stability for product types:
D../CRCW....e3
1
Ω to 10 MΩ
1
Ω to 10 MΩ
10
Ω to 1 MΩ
Resistance (4.5)
-
± 1 %
± 5 %
± 1 %; ± 5 %
Temperature coefficient
(4.8.4.2)
20/- 55/20 °C and
20/125/20 °C
± 100 ppm/K
± 200 ppm/K
± 200 ppm/K
Overload (4.13)
U = 2.5 × (P70 × R)1/2
≤ 2 × U
max;
Duration: according the style
±
(0.25 % R + 0.05 Ω)± (0.5 % R + 0.05 Ω)± (1 % R + 0.05 Ω)
Solderability (4.17.5)
Aging 4 h at 155 °C, dryheat
Solder bath method; 235 °C; 2 s
Visual examination
Good tinning (
≥ 95 % covered)
no visible damage
Resistance to soldering
heat (4.18.2)
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
±
(0.25 % R + 0.05 Ω)± (0.5 % R + 0.05 Ω)± (1 % R + 0.05 Ω)
Rapid change of
temperature (4.19)
30 min. at LCT = - 55 °C;
30 min. at UCT = 125 °C; 5 cycles
±
(0.25 % R + 0.05 Ω)± (0.5 % R + 0.05 Ω)± (0.5 % R + 0.05 Ω)
Damp heat, steady state
(4.24)
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
±
(1 % R + 0.05 Ω)± (2 % R + 0.1 Ω)± (2 % R + 0.1 Ω)
Climatic sequence (4.23)
16 h at UCT = 125 °C; 1 cycle at 55 °C;
2 h at LCT = - 55 °C;
1 h/1 kPa at 15 °C to 35 °C;
5 cycles at 55 °C
U = (P70 × R)1/2
U = Umax; whichever is less severe
±
(1 % R + 0.05 Ω)± (2 % R + 0.1 Ω)± (2 % R + 0.1 Ω)
Endurance at 70 °C
(4.25.1)
U = (P70 × R)1/2
U = Umax; whichever is less severe
1.5 h on; 0.5 h off;
70 °C; 1000 h
±
(1 % R + 0.05 Ω)± (2 % R + 0.1 Ω)± (3 % R + 0.1 Ω)
Extended endurance
(4.25.1.8)
Duration extended to 8000 hours
± (2 %
R + 0.1
Ω)± (4 % R + 0.1 Ω)± (4 % R + 0.1 Ω)
Endurance at upper
category temperature
(4.25.3)
UCT = 125 °C; 1000 h
± (1 %
R + 0.05
Ω)± (2 % R + 0.1 Ω)± (2 % R + 0.1 Ω)
APPLICABLE SPECIFICATIONS
• EN 60115-1
Generic Specification
• EN 140400
Sectional Specification
• EN 140401-802
Detail Specification
• IEC 60068-2-X
Variety of environmental test procedures
• IEC 60286-3
Packaging of SMD components


Similar Part No. - CRCW0805562RFKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562RFKEA VISHAY-CRCW0805562RFKEA Datasheet
129Kb / 9P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805562RFKEA VISHAY-CRCW0805562RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805562RFKEA VISHAY-CRCW0805562RFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW0805562RFKEA VISHAY-CRCW0805562RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vaishali Semiconductor
CRCW0805562RFKEA VAISH-CRCW0805562RFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
More results

Similar Description - CRCW0805562RFKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12065R10FKEA VISHAY-CRCW12065R10FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW040295K3FKED VISHAY-CRCW040295K3FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW08051R00JNEAIF VISHAY-CRCW08051R00JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com