Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV22D180KP Datasheet(PDF) 4 Page - World Produts Inc.

Part # EV22D180KP
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D180KP Datasheet(HTML) 4 Page - World Produts Inc.

  EV22D180KP Datasheet HTML 1Page - World Produts Inc. EV22D180KP Datasheet HTML 2Page - World Produts Inc. EV22D180KP Datasheet HTML 3Page - World Produts Inc. EV22D180KP Datasheet HTML 4Page - World Produts Inc. EV22D180KP Datasheet HTML 5Page - World Produts Inc. EV22D180KP Datasheet HTML 6Page - World Produts Inc. EV22D180KP Datasheet HTML 7Page - World Produts Inc. EV22D180KP Datasheet HTML 8Page - World Produts Inc. EV22D180KP Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
2 | Metal Oxide Varistors - EV Series
Definition of Terms (according to IEEE specifications C62.33)
Average Power Dissipation: Tested using two consecutive pulses at rated peak current using a 10/1000µs test
waveform with a minimum pulse period of 60 seconds between pulses (IEC 61000-4-5).
Rated RMS Voltage, Rated DC Voltage: The maximum designated values of power system voltage that may be applied
continuously between the terminals of a device.
Varistor Voltage: Test characteristic that is used to classify varistors by type. A test current of 1mA DC is typically
used to determine varistor voltage classification type. Varistor voltage clamping characteristics can be defined
at various test levels.
Rated Peak Single Pulse Transient Current: Maximum surge current, 8/20μs waveform which a varistor is rated to
withstand for a single surge.
Rated Single Pulse Transient Energy: Maximum allowable energy for a single impulse (see specified waveforms).
Maximum Clamping Voltage: Measured peak voltage across the device terminals when a current impulse of specified
amplitude and waveform is conducted through the varistor.
Typical Capacitance: Typical capacitance values are measured at a test frequency of 1KHZ.
General Characteristics
Storage Temperature
- 55° C to + 125° C
Operating Surface Temperature
125° C
Operating Ambient Temperature
- 55° C to + 85° C (without derating)
Maximum Voltage-Temperature
Coefficient
< -0.01 % / °C
Insulation Resistance
1000 Megohm min.
Hi POT (Leads to Case, 1 min.)
3000 VDC*
Typical Response Time
< 15 nsec.
Epoxy Rating
94 V-0
Current/Energy Derating (>85°C)
- 2.5 % / °C
DC Leakage Current
200µA Max (at rated DC working voltage)
Solderability
MIL STD 202G, Method 208H
Failure Criteria
Voltage change ± 10% from initially measured Varistor Voltage. When
determining if varistor is within aforementioned criteria the same temperature
must be observed as was used for initial Varistor Voltage measurements.
*Rating is for standard epoxy, for flame retardant coating (suffix “S”) disk sizes 5mm to 20mm rating is 2000 VDC, for disk
sizes 22mm & 34mm rating is 2500VDC.


Similar Part No. - EV22D180KP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV220B ETC-EV220B Datasheet
14Mb / 12P
   Solenoid valve Type EV220B and EV220BW
EV220B6-10 ETC-EV220B6-10 Datasheet
14Mb / 12P
   Solenoid valve Type EV220B and EV220BW
EV220B6-12 ETC-EV220B6-12 Datasheet
14Mb / 12P
   Solenoid valve Type EV220B and EV220BW
EV220B6-22 ETC-EV220B6-22 Datasheet
14Mb / 12P
   Solenoid valve Type EV220B and EV220BW
EV220BW ETC-EV220BW Datasheet
14Mb / 12P
   Solenoid valve Type EV220B and EV220BW
More results

Similar Description - EV22D180KP

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com