Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR3PA-U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR3PA-U
Description  RR Series ??General Purpose Power Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR3PA-U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR3PA-U Datasheet HTML 1Page - List of Unclassifed Manufacturers RR3PA-U Datasheet HTML 2Page - List of Unclassifed Manufacturers RR3PA-U Datasheet HTML 3Page - List of Unclassifed Manufacturers RR3PA-U Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RR Series
Relays
E-18
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E
Key features of the RR series include:
• High reliability and long service life
•Available in octal (8- and 11-pin) or square (11-blade) base
• Options include check button for test operation, indicator light, and
side flange (contact IDEC for diodes)
• DIN rail, surface and panel type sockets available for a wide range of
mounting applications
Contact Material
Silver
Contact Resistance
30m
Ω maximum (initial value)
Minimum
Applicable Load
24V DC/10mA, 5V DC/20mA
(reference value)
Operating Time
25ms maximum
Release Time
25ms maximum
Maximum Continuous
Applied Voltage (AC/
DC) at 20°C
110% of the rated voltage
Minimum Operating
Voltage (AC/DC) at 20°C
80% of the rated voltage
Drop-Out Voltage
(AC) at 20°C
30% of the rated voltage
Drop-Out Voltage
(DC) at 20°C
15% of the rated voltage
Power Consumption
AC: approximately 3VA (50Hz), 2.5VA (60Hz)
DC: approximately 1.5W
Insulation Resistance
100M
Ω minimum
(measured with 500V DC megger)
Dielectric Strength
Pin (RR2P, RR3PA)
Between live and dead parts:
1,500V AC, 1 minute
Between contact circuit and operating coil:
1,500V AC, 1 minute
Between contact circuits: 1,500V AC,
1 minute (1,000V AC between NO-NC contacts)
Blade (RR1BA, RR2BA, RR3B)
Between live and dead parts:
2,000V AC, 1 minute
Between contact circuit and operating coil:
2,000V AC, 1 minute
Between contact circuits:
2,000V AC, 1 minute
Between contacts of same polarity:
1,000V AC, 1 minute
Frequency Response
1,800 operations/hour
Temperature Rise
Coil: 85°C maximum
Contact: 65°C maximum
Vibration Resistance
0 to 6G (55Hz maximum)
Shock Resistance
100N (approximately 10G)
Life Expectancy
Electrical: over 500,000 operations
(120V, 50/60Hz, 10A)
Mechanical: over 10,000,000 operations
Operating Temperature
–30 to +70°C
Weight
RR2P: 90g, RR3PA: 96g (approximately)
RR1BA/RR2BA/RR3B: 82g (approximately)
RR Series — General Purpose Power Relays
Order standard voltages for fastest delivery. Allow extra delivery time for
non-standard voltages.
UL Recognized
File No. E66043
CSA Certified
File No. LR35144
* Pin Style Only
File No. B020813332452*
* Pin Style Only
(does not apply to blade style)
*
Ordering Information
RR3PA-U
AC120V
Basic Part No.
Coil Voltage:


Similar Part No. - RR3PA-U

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR3-1203D03AX RSG-RR3-1203D03AX Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR3-1203S03AX RSG-RR3-1203S03AX Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR3-1205D03AX RSG-RR3-1205D03AX Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR3-1205S03AX RSG-RR3-1205S03AX Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR3-1209D03AX RSG-RR3-1209D03AX Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
More results

Similar Description - RR3PA-U

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Omron Electronics LLC
MKS-X OMRON-MKS-X Datasheet
2Mb / 12P
   General Purpose Power Relays
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com