Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTC0805 Datasheet(PDF) 1 Page - Tyco Electronics

Part # NTC0805
Description  Negative Temperature Coefficient Chip Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

NTC0805 Datasheet(HTML) 1 Page - Tyco Electronics

  NTC0805 Datasheet HTML 1Page - Tyco Electronics NTC0805 Datasheet HTML 2Page - Tyco Electronics NTC0805 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type NTC Series
A range of NTC chip thermistors
offering high thermal sensitivity.
Suitable for temperature compen-
sating circuits and other applica-
tions
requiring
a
resistance
that varies according to ambient
temperature.
Key Features
Two Package Sizes
Suited to Automatic Pick
and Place
Components supplied
unmarked
-55°C to +125°C
Temperature Range
Characteristics -
Electrical
NTC0603
NTC0805
Rated Power Max (mW)
63
125
Optimum Working Dissipation (mW)
0.4
1
Resistance Range (ohms) Min
4K7
100
Max
150K
150K
Tolerance on Resistance (%)
5
10
5
10
Code Letter
J
K
J
K
Selection Series
See Table
ß Constant
See Table
Tolerance on ß (%)
5 (3% available on request)
Thermal Time Constant (sec)
24
Thermal Dissipation Constant (mW/°C)
1.2
1.5
Operation Temp. Range (°C)
-55 to +125
Resistance to Soldering Heat
± 2% on both R25 and B
Typical Performance Graph
Dimensions
Style
L
W
t
a
b
NTC0603 1.6 ± 0.15
0.8 ± 0.15
0.5 ± 0.1
0.3
0.3
NTC0805
2.0
1.25
0.5
0.4
0.4
L
a
W
t
b
-40
-20
0
20
40
60
80
100
120125
Temperature (°C)
10,000,000
1,000,000
100,000
10,000
1,000
100
10
1
25
Literature No. 1773258
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Negative Temperature
Coefficient Chip Thermistors
Type NTC Series


Similar Part No. - NTC0805

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NTC0805 MACOM-NTC0805 Datasheet
122Kb / 3P
   Negative Temperature Coefficient Chip Thermistors
NTC0805J2K0 MACOM-NTC0805J2K0 Datasheet
122Kb / 3P
   Negative Temperature Coefficient Chip Thermistors
More results

Similar Description - NTC0805

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1458615 MACOM-1458615 Datasheet
122Kb / 3P
   Negative Temperature Coefficient Chip Thermistors
logo
NIC-Components Corp.
NCT04EJ103H400TRF NIC-NCT04EJ103H400TRF Datasheet
87Kb / 3P
   NEGATIVE TEMPERATURE COEFFICIENT
logo
Microsemi Corporation
TG1-8 MICROSEMI-TG1-8 Datasheet
201Kb / 4P
   Positive - Temperature - Coefficient Silicon Thermistors
TM1.8.121J MICROSEMI-TM1.8.121J Datasheet
189Kb / 4P
   POSITIVE TEMPERATURE COEFFICIENT SILICON THERMISTORS
logo
jb Capacitors Company
JFP JBCAPACITORS-JFP Datasheet
271Kb / 1P
   Temperature coefficient is negative and variety linear over the operation temperature
logo
Shanghai Yint Electroni...
MF72 YINT-MF72 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Murata Manufacturing Co...
GRM0115C1E6R6BE01 MURATA-GRM0115C1E6R6BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0115C1E6R8BE01 MURATA-GRM0115C1E6R8BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0222C1CR75BD05 MURATA-GRM0222C1CR75BD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1CR80WD05 MURATA-GRM0222C1CR80WD05 Datasheet
49Kb / 1P
   Temperature coefficient
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com