Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29400TV-70 Datasheet(PDF) 9 Page - AMIC Technology

Part # A29400TV-70
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29400TV-70 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A29400TV-70 Datasheet HTML 5Page - AMIC Technology A29400TV-70 Datasheet HTML 6Page - AMIC Technology A29400TV-70 Datasheet HTML 7Page - AMIC Technology A29400TV-70 Datasheet HTML 8Page - AMIC Technology A29400TV-70 Datasheet HTML 9Page - AMIC Technology A29400TV-70 Datasheet HTML 10Page - AMIC Technology A29400TV-70 Datasheet HTML 11Page - AMIC Technology A29400TV-70 Datasheet HTML 12Page - AMIC Technology A29400TV-70 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
9
AMIC Technology, Inc.
Command Definitions
Writing specific address and data commands or sequences
into the command register initiates device operations. The
Command
Definitions
table
defines
the
valid
register
command sequences. Writing incorrect address and data
values or writing them in the improper sequence resets the
device to reading array data.
All addresses are latched on the falling edge of
WE or CE ,
whichever happens later. All data is latched on the rising
edge of
WE or CE , whichever happens first. Refer to the
appropriate timing diagrams in the "AC Characteristics"
section.
Reading Array Data
The device is automatically set to reading array data after
device power-up. No commands are required to retrieve
data. The device is also ready to read array data after
completing an Embedded Program or Embedded Erase
algorithm. After the device accepts an Erase Suspend
command, the device enters the Erase Suspend mode. The
system can read array data using the standard read timings,
except that if it reads at an address within erase-suspended
sectors, the device outputs status data. After completing a
programming operation in the Erase Suspend mode, the
system may once again read array data with the same
exception. See "Erase Suspend/Erase Resume Commands"
for more information on this mode.
The system must issue the reset command to re-enable the
device for reading array data if I/O5 goes high, or while in the
autoselect mode. See the "Reset Command" section, next.
See also "Requirements for Reading Array Data" in the
"Device Bus Operations" section for more information. The
Read Operations table provides the read parameters, and
Read Operation Timings diagram shows the timing diagram.
Reset Command
Writing the reset command to the device resets the device to
reading array data. Address bits are don't care for this
command. The reset command may be written between the
sequence cycles in an erase command sequence before
erasing begins. This resets the device to reading array data.
Once erasure begins, however, the device ignores reset
commands until the operation is complete.
The reset command may be written between the sequence
cycles
in
a
program
command
sequence
before
programming begins. This resets the device to reading array
data (also applies to programming in Erase Suspend mode).
Once programming begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the sequence
cycles in an autoselect command sequence. Once in the
autoselect mode, the reset command must be written to
return to reading array data (also applies to autoselect
during Erase Suspend).
If I/O5 goes high during a program or erase operation,
writing the reset command returns the device to reading
array data (also applies during Erase Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host system
to access the manufacturer and devices codes, and
determine whether or not a sector is protected. The
Command Definitions table shows the address and data
requirements. This method is an alternative to that shown in
the Autoselect Codes (High Voltage Method) table, which is
intended for PROM programmers and requires VID on
address bit A9.
The autoselect command sequence is initiated by writing two
unlock cycles, followed by the autoselect command. The
device then enters the autoselect mode, and the system may
read at any address any number of times, without initiating
another command sequence.
A read cycle at address XX00h retrieves the manufacturer
code and another read cycle at XX11h retrieves the
continuation code. A read cycle at address XX01h returns
the device code. A read cycle containing a sector address
(SA) and the address 02h in returns 01h if that sector is
protected, or 00h if it is unprotected. Refer to the Sector
Address tables for valid sector addresses.
The system must write the reset command to exit the
autoselect mode and return to reading array data.
Word/Byte Program Command Sequence
The system may program the device by word or byte,
depending on the state of the BYTE pin. Programming is a
four-bus-cycle operation. The program command sequence
is initiated by writing two unlock write cycles, followed by the
program set-up command. The program address and data
are written next, which in turn initiate the Embedded
Program algorithm. The system is not required to provide
further
controls
or
timings.
The
device
automatically
provides internally generated program pulses and verify the
programmed cell margin. Table 5 shows the address and
data requirements for the byte program command sequence.
When the Embedded Program algorithm is complete, the
device then returns to reading array data and addresses are
longer latched. The system can determine the status of the
program operation by using I/O7, I/O6, or RY/ BY . See
“White Operation Status” for information on these status
bits.
Any commands written to the device during the Embedded
Program Algorithm are ignored. Not that a hardware reset
immediately terminates the programming operation. The
Byte Program command sequence should be reinitiated
once the device has reset to reading array data, to ensure
data integrity.
Programming is allowed in any sequence and across sector
boundaries. A bit cannot be programmed from a “0” back to
a “1”. Attempting to do so may halt the operation and set
I/O5 to “1”, or cause the Data Polling algorithm to indicate
the operation was successful. However, a succeeding read
will show that the data is still “0”. Only erase operations can
convert a “0” to a “1”.


Similar Part No. - A29400TV-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400ATV-55F AMICC-A29400ATV-55F Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400ATV-55UF AMICC-A29400ATV-55UF Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400AUV-55F AMICC-A29400AUV-55F Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400AUV-55UF AMICC-A29400AUV-55UF Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29400TV-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400A AMICC-A29400A Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29801B AMICC-A29801B Datasheet
489Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com