Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32923C3224M289 Datasheet(PDF) 4 Page - EPCOS

Part # B32923C3224M289
Description  EMI Suppression Capacitors (MKP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32923C3224M289 Datasheet(HTML) 4 Page - EPCOS

  B32923C3224M289 Datasheet HTML 1Page - EPCOS B32923C3224M289 Datasheet HTML 2Page - EPCOS B32923C3224M289 Datasheet HTML 3Page - EPCOS B32923C3224M289 Datasheet HTML 4Page - EPCOS B32923C3224M289 Datasheet HTML 5Page - EPCOS B32923C3224M289 Datasheet HTML 6Page - EPCOS B32923C3224M289 Datasheet HTML 7Page - EPCOS B32923C3224M289 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
x Preferred type
s Not for new design
For new design, please refer to the B3292xE/F data sheet.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request)
10
0.010
4.0
× 9.0 × 13.0 B32921C3103+*** x 1000
1700
1000
0.022
4.0
× 9.0 × 13.0 B32921C3223+*** x 1000
1700
1000
0.033
4.0
× 9.0 × 13.0 B32921C3333+*** x 1000
1700
1000
0.047
5.0
× 11.0 × 13.0 B32921C3473+*** x
830
1300
1000
0.068
6.0
× 12.0 × 13.0 B32921C3683+***
680
1100
1000
0.10
6.0
× 12.0 × 13.0 B32921C3104M***
680
1100
1000
15
0.033
5.0
× 10.5 × 18.0 B32922C3333K***
1170
1300
1000
0.047
5.0
× 10.5 × 18.0 B32922C3473K***
1170
1300
1000
0.068
5.0
× 10.5 × 18.0 B32922C3683K*** x 1170
1300
1000
0.10
5.0
× 10.5 × 18.0 B32922C3104+*** x 1170
1300
1000
0.15
6.0
× 12.0 × 18.0 B32922C3154+*** x
960
1100
1000
0.22
7.0
× 12.5 × 18.0 B32922C3224+*** x
830
900
1000
0.33
8.0
× 14.0 × 18.0 B32922C3334M*** x
730
750
500
0.33
8.5
× 14.5 × 18.0 B32922D3334K***
680
700
500
0.47
9.0
× 17.5 × 18.0 B32922C3474+*** x
640
700
500
0.68
11.0
× 18.5 × 18.0 B32922C3684+*** x
550
250
22.5
0.22
6.0
× 15.0 × 26.5 B32923C3224+***
680
700
720
0.33
6.0
× 15.0 × 26.5 B32923C3334M***
680
700
720
0.33
7.0
× 16.0 × 26.5 B32923D3334K***
580
600
630
0.47
8.5
× 16.5 × 26.5 B32923C3474+***
480
500
510
0.68
10.5
× 16.5 × 26.5 B32923C3684+***
390
400
540
1.0
11.0
× 20.5 × 26.5 B32923C3105+*** x
370
350
510
1.5
12.0
× 22.0 × 26.5 B32923C3155M***
450
2.2
14.5
× 29.5 × 26.5 B32923C3225+*** s
260
B32921C/D ... B32926C/D
X2 / 305 VAC
Page 4 of 8
Please read Important notes
at the end of this document.


Similar Part No. - B32923C3224M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32923C3224M289 EPCOS-B32923C3224M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32923C3224M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com