Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8800OEEV Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8800OEEV
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8800OEEV Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8800OEEV Datasheet HTML 5Page - Analog Microelectronics AME8800OEEV Datasheet HTML 6Page - Analog Microelectronics AME8800OEEV Datasheet HTML 7Page - Analog Microelectronics AME8800OEEV Datasheet HTML 8Page - Analog Microelectronics AME8800OEEV Datasheet HTML 9Page - Analog Microelectronics AME8800OEEV Datasheet HTML 10Page - Analog Microelectronics AME8800OEEV Datasheet HTML 11Page - Analog Microelectronics AME8800OEEV Datasheet HTML 12Page - Analog Microelectronics AME8800OEEV Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AME, Inc.
9
AME8800 / 8811
300mA CMOS LDO
n
n
n
n
n Ordering Information
Please consult AME sales office or authorized Rep./Distributor for other output voltage and package typeavailability.
Part Number
Marking
Output Package Operating Temp.
AME8811AEFT
A8811
AEFww
3.3V
SOT-89
-40
OC to +85OC
AME8811BEFT
A8811
BEFww
3.0V
SOT-89
-40
OC to +85OC
AME8811CEFT
A8811
CEFww
2.8V
SOT-89
-40
OC to +85OC
AME8811DEFT
A8811
DEFww
2.5V
SOT-89
-40
OC to +85OC
AME8811EEFT
A8811
EEFww
3.8V
SOT-89
-40
OC to +85OC
AME8811FEFT
A8811
FEFww
3.6V
SOT-89
-40
OC to +85OC
AME8811GEFT
A8811
GEFww
3.5V
SOT-89
-40
OC to +85OC
AME8811HEFT
A8811
HEFww
2.7V
SOT-89
-40
OC to +85OC
AME8811IEFT
A8811
IEFww
3.4V
SOT-89
-40
OC to +85OC
AME8811JEFT
A8811
JEFww
2.85V
SOT-89
-40
OC to +85OC
AME8811KEFT
A8811
KEFww
3.7V
SOT-89
-40
OC to +85OC
AME8811LEFT
A8811
LEFww
1.5V
SOT-89
-40
OC to +85OC
AME8811MEFT
A8811
MEFww
1.8V
SOT-89
-40
OC to +85OC
AME8811NEFT
A8811
NEFww
2.9V
SOT-89
-40
OC to +85OC
AME8811OEFT
A8811
OEFww
3.1V
SOT-89
-40
OC to +85OC


Similar Part No. - AME8800OEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8800OEEV AME-AME8800OEEV Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800OEEVL AME-AME8800OEEVL Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800OEEVY AME-AME8800OEEVY Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800OEEVZ AME-AME8800OEEVZ Datasheet
365Kb / 36P
   300mA CMOS LDO
More results

Similar Description - AME8800OEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com