Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29040L-90 Datasheet(PDF) 10 Page - AMIC Technology

Part # A29040L-90
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29040L-90 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A29040L-90 Datasheet HTML 6Page - AMIC Technology A29040L-90 Datasheet HTML 7Page - AMIC Technology A29040L-90 Datasheet HTML 8Page - AMIC Technology A29040L-90 Datasheet HTML 9Page - AMIC Technology A29040L-90 Datasheet HTML 10Page - AMIC Technology A29040L-90 Datasheet HTML 11Page - AMIC Technology A29040L-90 Datasheet HTML 12Page - AMIC Technology A29040L-90 Datasheet HTML 13Page - AMIC Technology A29040L-90 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
A29040 Series
PRELIMINARY
(August, 2001, Version 0.5)
10
AMIC Technology, Inc.
Table 4. A29040 Command Definitions
Bus Cycles (Notes 2 - 4)
First
Second
Third
Fourth
Fifth
Sixth
Command
Sequence
(Note 1)
Addr Data
Addr Data
Addr Data Addr
Data Addr Data Addr Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXX
F0
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
37
Device ID
4
555
AA
2AA
55
555
90
X01
86
Continuation ID
4
555
AA
2AA
55
555
90
X03
7F
00
Autoselect
(Note 7)
Sector Protect Verify
(Note 8)
4
555
AA
2AA
55
555
90
SA
X02
01
Program
4
555
AA
2AA
55
555
A0
PA
PD
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (Note 9)
1
XXX
B0
Erase Resume (Note 10)
1
XXX
30
Legend:
X = Don't care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the
WE or CE pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of
WE or CE pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A18 - A16 select a unique sector.
Note:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except when reading array or autoselect data, all bus cycles are write operation.
4.
Address bits A18 - A11 are don't cares for unlock and command cycles, unless SA or PA required.
5.
No unlock or command cycles required when reading array data.
6.
The Reset command is required to return to reading array data when device is in the autoselect mode, or if I/O5 goes high
(while the device is providing status data).
7.
The fourth cycle of the autoselect command sequence is a read cycle.
8.
The data is 00h for an unprotected sector and 01h for a protected sector. See "Autoselect Command Sequence" for more
information.
9.
The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend
mode.
10. The Erase Resume command is valid only during the Erase Suspend mode.
11. The time between each command cycle has to be less than 50
µs.


Similar Part No. - A29040L-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A-55 AMICC-A29040A-55 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A-70 AMICC-A29040A-70 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A-90 AMICC-A29040A-90 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040AL-55 AMICC-A29040AL-55 Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29040L-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com