Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C503B-ACN-CY0Z0251-030 Datasheet(PDF) 2 Page - Cree, Inc

Part # C503B-ACN-CY0Z0251-030
Description  Cree 5mm Amber Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-ACN-CY0Z0251-030 Datasheet(HTML) 2 Page - Cree, Inc

  C503B-ACN-CY0Z0251-030 Datasheet HTML 1Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 2Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 3Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 4Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 5Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 6Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 7Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 8Page - Cree, Inc C503B-ACN-CY0Z0251-030 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CLD-CT1213.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Amber
Forward Current
I
F
50 Note1
mA
Peak Forward Current Note2
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
130
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification (MIL-STD-883E)
ESD
Class 2
Note:
1. For long term performance the drive currents between 10mA and 30mA are recommended. Please contact CREE
sales representative for more information on recommended drive conditions.
2. Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Amber
V
F
I
F = 20 mA
V
2.1
2.6
Reverse Current
Amber
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Amber
λ
D
I
F = 20 mA
nm
584
591
596
Luminous Intensity
C503B-AAS/AAN-015
I
V
I
F = 20 mA
mcd
12000
15000
C503B-ACS/ACN-030
I
V
I
F = 20 mA
mcd
5860
6000
50% Power Angle
C503B-AAS/AAN-015
2θ½
I
F = 20 mA
deg
15
C503B-ACS/ACN-030
2θ½
I
F = 20 mA
deg
30


Similar Part No. - C503B-ACN-CY0Z0251-030

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-ACN-CW0X0341 MARKTECH-C503B-ACN-CW0X0341 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CW0X0342 MARKTECH-C503B-ACN-CW0X0342 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CW0Y0251 MARKTECH-C503B-ACN-CW0Y0251 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CW0Y0252 MARKTECH-C503B-ACN-CW0Y0252 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
C503B-ACN-CX0Y0341 MARKTECH-C503B-ACN-CX0Y0341 Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
More results

Similar Description - C503B-ACN-CY0Z0251-030

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-AAS MARKTECH-C503B-AAS Datasheet
815Kb / 9P
   5mm Amber Round LED
logo
Cree, Inc
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
logo
Marktech Corporate
C503B-AAS MARKTECH-C503B-AAS_15 Datasheet
815Kb / 9P
   5mm Amber Round LED
logo
Cree, Inc
C503B-WAN-CBADA151 CREE-C503B-WAN-CBADA151 Datasheet
1Mb / 10P
   Cree 5mm Round LED
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
logo
P-tec Corporation
PL16-CDA02 P-TEC-PL16-CDA02 Datasheet
30Kb / 1P
   5MM T1쩐 Amber LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   5mm Round With Flange Type Amber LED Technical Data Sheet
logo
LUMEX INC.
SSL-LX507F3AD LUMEX-SSL-LX507F3AD Datasheet
51Kb / 1P
   T-5mm 605mm AMBER LED
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
Cree, Inc
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com