Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C503B-WAN-CCADA151 Datasheet(PDF) 10 Page - Cree, Inc

Part # C503B-WAN-CCADA151
Description  Cree 5mm Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-WAN-CCADA151 Datasheet(HTML) 10 Page - Cree, Inc

Back Button C503B-WAN-CCADA151 Datasheet HTML 2Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 3Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 4Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 5Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 6Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 7Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 8Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 9Page - Cree, Inc C503B-WAN-CCADA151 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree 5-mm Round LED
C503B-WAN
PACKAGING
Features:
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
The boxes are not water resistant, and they must be kept away from water and moisture.
The Bulk Pack types of packaging.
Max 500 pcs per bulk and Max 2500 pcs per ammo.
Bulk Pack Packaging Type:
Ammo Pack Packaging Type:
20 bags/carton
Label
COLOR LED LAMP
JOWAXXXXX -XX-XXX
AXXXXXXXXXXX
(anti-electrostatic
bag)
Hue
TYPE
QTY
RANK
LOT
Iv
xxx xxx
Vf
(
)
XX
(
)
LXXXXXXXX-XXX
PCS
X
(
)
XX
R
TYPE
LXXXXXXXX-XXX
PCS
X
QTY
RANK
LOT
Iv
JOWAXXXXX -XX-XXX
XX
AXXXXXXXXXXX
XX
Vf
Hue
(
)
(
)
(
)
xxx xxx
COLOR LED LAMP
ANODE


Similar Part No. - C503B-WAN-CCADA151

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-WAN-CCACB151 CREE-C503B-WAN-CCACB151 Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
C503B-WAN-CCACB231 CREE-C503B-WAN-CCACB231 Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
More results

Similar Description - C503B-WAN-CCADA151

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
   Cree 5-mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com