Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3635NF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3635NF
Description  Sealed toggle switches for outdoor applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3635NF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3635NF Datasheet HTML 1Page - List of Unclassifed Manufacturers 3635NF Datasheet HTML 2Page - List of Unclassifed Manufacturers 3635NF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A-116
APEM
www.apem.com
3600NF series
Sealed toggle switches for outdoor applications
Screw terminals - solder lug/quick-connect terminals
A
Screw terminals - single pole
MODEL
STRUCTURE
III
II
I
2-1
2-3
3631NF
ON
-
OFF
3635NF
MOM -
ON
3636NF
ON
-
ON
3637NF
MOM OFF MOM
3638NF
ON
OFF MOM
3639NF
ON
OFF
ON
Solder lug/quick-connect terminals - single pole
III
II
I
2-1
2-3
3631NF/2
ON
-
OFF
3635NF/2
MOM -
ON
3636NF/2
ON
-
ON
3637NF/2
MOM OFF MOM
3638NF/2
ON
OFF MOM
3639NF/2
ON
OFF
ON
Screw terminals - double pole
III
II
I
2-1
2-3
5-4
5-6
3641NF
ON
-
OFF
3644NF*
ON
ON
ON
3645NF
MOM -
ON
3646NF
ON
-
ON
3647NF
MOM OFF MOM
3648NF
ON
OFF MOM
3649NF
ON
OFF
ON
1 and 2 pole configurations
* Function 4 : SP in DP case, see end of catalogue.
Keyway
Keyway
Keyway
Keyway
2
1
3
(.031)
(.118DIAx0.50 IS)
Ø3.00x0.50 SI
0.80
6.35
(.25)
6.35x0.80
(.25x.031)
Ø3.10
(.122DIA)
4
5
6
3
2
1
I
II
III
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
24.60
9.20
(.362)
(.968)
90˚
(.846)
21.50
(.689)
(.413)
10.50
17.50
21.50
17.50
10.50
90˚
(.413)
(.689)
(.846)
24.60
9.20
(.362)
(.968)
I
II
III
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
1
4
5
6
3
2
90˚
(.846)
21.50
17.50
10.50
(.413)
(.689)
24.60
9.20
(.362)
(.968)
(.472DIAx0.75 IS)
III
II
I
Ø12.00x0.75 SI
1
2
3
6
5
4


Similar Part No. - 3635NF

ManufacturerPart #DatasheetDescription
logo
Heyco.
3635 HEYCO-3635 Datasheet
160Kb / 1P
   Cable Holders - Arrowhead Mount
logo
List of Unclassifed Man...
36350 ETC2-36350 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
3M Electronics
36350 3M-36350 Datasheet
319Kb / 5P
   Precision Poly Tape
36351 3M-36351 Datasheet
319Kb / 5P
   Precision Poly Tape
36353 3M-36353 Datasheet
319Kb / 5P
   Precision Poly Tape
More results

Similar Description - 3635NF

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com