Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1M32T1B5M1QE Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 1M32T1B5M1QE
Description  Toggle Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1M32T1B5M1QE Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 1M32T1B5M1QE Datasheet HTML 5Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 6Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 7Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 8Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 9Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 10Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 11Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 12Page - List of Unclassifed Manufacturers 1M32T1B5M1QE Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Toggle Switches
Miniature
Page <9>
17/01/12 V1.1
www.farnell.com
www.newark.com
www.element14.com
B9 Splash Proof
CP-1TEB
B11 THD STD
B12 NON-THD
B15 THD STD
B16 NON-THD
B17
B13
Use with T6 actuators only
Use with T7, T8 actuators only
B13 Bear strength from top of actuator
up to 10 kg aside up to 15 kg
B14 Splash Proof
B18
Use with T7, T8 and T10 actuators only with plastic
(Teflon) Insert
Use with T6 actuators only
Supplied with B9 Bushing
Dimensions : Inches (Millimetres)
Dimensions : Inches (Millimetres)
Dimensions : Inches (Millimetres)


Similar Part No. - 1M32T1B5M1QE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1M30 ATMEL-1M30 Datasheet
375Kb / 26P
   CameraLink Areascan Cameras
logo
New Jersey Semi-Conduct...
1M3345B NJSEMI-1M3345B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
More results

Similar Description - 1M32T1B5M1QE

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com