Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527RT290-S0200 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C527RT290-S0200
Description  RazerThin LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C527RT290-S0200 Datasheet(HTML) 2 Page - Marktech Corporate

  C527RT290-S0200 Datasheet HTML 1Page - Marktech Corporate C527RT290-S0200 Datasheet HTML 2Page - Marktech Corporate C527RT290-S0200 Datasheet HTML 3Page - Marktech Corporate C527RT290-S0200 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and RazerThin are registered trademarks of Cree, Inc.
2
CPR3CL Rev. B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxRT290-S0200
DC Forward Current
30 mA
Peak Forward Current (1/10 duty cycle @ 1kHz)
100 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM) Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E) Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Min.
Typ.
Max.
Max.
C460RT290-S0200
2.7
3.2
3.7
1
C470RT290-S0200
2.7
3.2
3.7
1
C505RT290-S0200
2.7
3.2
3.7
1
C527RT290-S0200
2.7
3.2
3.7
1
Mechanical Specifications
CxxxRT290-S0200
Description
Dimension
Tolerance
P-N Junction Area (μm)
246 x 246
± 25
Top Area (μm)
270 x 270
± 25
Bottom Area (μm)
270 x 270
± 25
Chip Thickness (μm)
95
± 15
Au Bond Pad Diameter (μm)
110
± 20
Au Bond Pad Thickness (μm)
1.2
± 0.5
Back Contact Metal Width (μm)
20
± 10
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000 epoxy)
for characterization. Seller makes no representations regarding ratings for packages other than the T-1 3/4 package used by Seller.
The forward currents (DC and Peak) are not limited by the G•SiC die but by the effect of the LED junction temperature on the
package. The junction temperature limit of 125°C is a limit of the T-1 3/4 package; junction temperature should be characterized
in a specific package to determine limitations. Assembly processing temperature must not exceed 325°C (< 5 seconds).
Product resistance to electrostatic discharge (ESD) is measured by simulating ESD using a rapid avalanche energy test (RAET).
The RAET procedures are designed to approximate the maximum ESD ratings shown. Seller gives no other assurances regarding
the ability of Products to withstand ESD.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are the average values expected by Seller in large quantities and are provided for information only. Seller gives no assurances
products shipped will exhibit such typical ratings. All measurements were made using lamps in T-1 3/4 packages (with Hysol
OS4000 epoxy). Dominant wavelength measurements taken using Illuminance E.
Specifications are subject to change without notice.
1.
2.
3.
4.


Similar Part No. - C527RT290-S0200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527RT290-S0200 CREE-C527RT290-S0200 Datasheet
203Kb / 4P
   RazerThin짰 LEDs
C527RT290-S0200 CREE-C527RT290-S0200 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
More results

Similar Description - C527RT290-S0200

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460RT230-0203 MARKTECH-C460RT230-0203 Datasheet
264Kb / 4P
   RazerThin LEDs
RT230-20 MARKTECH-RT230-20 Datasheet
264Kb / 4P
   RazerThin LEDs
C460RT230-0103 MARKTECH-C460RT230-0103 Datasheet
257Kb / 4P
   RazerThin LEDs
RT230-5 MARKTECH-RT230-5 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0105 MARKTECH-C460RT290-0105 Datasheet
229Kb / 4P
   RazerThin LEDs
C460RT200-0309 MARKTECH-C460RT200-0309 Datasheet
376Kb / 6P
   RazerThin Gen III LEDs
C460RT260-0313 MARKTECH-C460RT260-0313 Datasheet
387Kb / 6P
   RazerThin Gen III LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com