Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470UT230-0106 Datasheet(PDF) 3 Page - Cree, Inc

Part # C470UT230-0106
Description  UltraThin LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470UT230-0106 Datasheet(HTML) 3 Page - Cree, Inc

  C470UT230-0106 Datasheet HTML 1Page - Cree, Inc C470UT230-0106 Datasheet HTML 2Page - Cree, Inc C470UT230-0106 Datasheet HTML 3Page - Cree, Inc C470UT230-0106 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Copyright © 2004-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
3
CPR3CC Rev. C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxUT230-S000
LED chips are sorted to the radiant flux and dominant wavelength bins shown. Sorted die sheets contain die from
only one bin. Sorted die kit (CxxxUT230-S0100) orders may be filled with any or all bins (CxxxUT230-00100) contained
in the kit. All radiant flux values are measured at If = 20 mA and all dominant wavelength values are measured at If =
20 mA.
C460UT230-S000
C460UT230-0105
C460UT230-0106
C460UT230-0107
C460UT230-0108
455 nm
457.5 nm
460 nm
462.5 nm
465 nm
8.0 mW
Dominant Wavelength – If = 20 mA
C470UT230-S000
C470UT230-0105
C470UT230-0106
C470UT230-0107
C470UT230-0108
465 nm
467.5 nm
470 nm
472.5 nm
475 nm
8.0 mW
Dominant Wavelength – If = 20 mA


Similar Part No. - C470UT230-0106

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470UT230-0101 CREE-C470UT230-0101 Datasheet
269Kb / 4P
   UltraThin LEDs
C470UT230-0102 CREE-C470UT230-0102 Datasheet
269Kb / 4P
   UltraThin LEDs
More results

Similar Description - C470UT230-0106

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
   UltraThin LEDs
CXXXUT230-S0100 CREE-CXXXUT230-S0100 Datasheet
224Kb / 4P
   UltraThin??LEDs
CXXXUT230-S0002 CREE-CXXXUT230-S0002 Datasheet
245Kb / 4P
   UltraThin??LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
logo
Marktech Corporate
C450UT190-0317-30 MARKTECH-C450UT190-0317-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
logo
AVX Corporation
UT023D103MAT2D AVX-UT023D103MAT2D Datasheet
162Kb / 3P
   UltraThin Ceramic Capacitors
logo
Cree, Inc
CXXXUT200-SXXXX CREE-CXXXUT200-SXXXX Datasheet
297Kb / 5P
   Cree짰 UltraThin??LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com