Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVZ20EC781KBS Datasheet(PDF) 10 Page - World Produts Inc.

Part # TVZ20EC781KBS
Description  Thermally Protectected Varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

TVZ20EC781KBS Datasheet(HTML) 10 Page - World Produts Inc.

Back Button TVZ20EC781KBS Datasheet HTML 6Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 7Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 8Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 9Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 10Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 11Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 12Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 13Page - World Produts Inc. TVZ20EC781KBS Datasheet HTML 14Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Thermally ProTecTecTed VarisTors
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 12.3
8 | Thermally Protected Varistors
Thermal Link Configuration and Dimensions (continued)
25mm (Rectangular Type)
2-Leaded
Unit: mm (inch)
Varistor Type
25mm (Rectangular Type)
T max
W1 max.
181K
10.2 (0.40)
5.3 (0.21)
201K
10.4 (0.41)
5.3 (0.21)
221K
10.6 (0.42)
5.3 (0.21)
241K
10.7 (0.42)
5.3 (0.21)
271K
10.8 (0.43)
5.2 (0.21)
301K
10.9 (0.43)
6.4 (0.25)
331K
10.9 (0.43)
6.4 (0.25)
361K
11.1 (0.44)
6.4 (0.25)
391K
11.2 (0.44)
6.4 (0.25)
431K
11.4 (0.45)
6.4 (0.25)
471K
11.5 (0.45)
6.4 (0.25)
511K
11.8 (0.46)
7.5 (0.30)
561K
12.1 (0.48)
7.5 (0.30)
621K
12.4 (0.49)
7.5 (0.30)
681K
12.7 (0.50)
7.5 (0.30)
751K
12.7 (0.50)
*8.5 (0.33)
781K
12.9 (0.51)
*8.5 (0.33)
821K
13.1 (0.52)
*8.5 (0.33)
911K
13.4 (0.53)
*8.5 (0.33)
102K
13.9 (0.55)
*8.5 (0.33)
112K
14.4 (0.57)
*8.5 (0.33)
122K
14.9 (0.59)
*8.5 (0.33)
Series
Size
D max
H max
dø nom.
a
TVZ25R
25mm
29.0 (1.14)
35.5 (1.40)
1.0 (0.039)
19.2 (0.76)
± 1.0 (0.039)
3mm max.
In-line Crimp (2 leaded type)
Note: *Bulk parts for >681 varistor voltage come
standard with in-line crimp (see illustration below)
for straight disk seating on PC boards. Therefore,
W1 dimensions are not applicable. If required with-
out in-line crimp, please reference “Part Number
System” and add “N”.
MOV
TF
(Thermal Fuse Element)


Similar Description - TVZ20EC781KBS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
EC635 LITTELFUSE-EC635 Datasheet
325Kb / 4P
   Designing with thermally protected TMOV Varistors in TVSS Applications
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com