Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527UT230-S0002 Datasheet(PDF) 2 Page - Cree, Inc

Part # C527UT230-S0002
Description  UltraThin LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527UT230-S0002 Datasheet(HTML) 2 Page - Cree, Inc

  C527UT230-S0002 Datasheet HTML 1Page - Cree, Inc C527UT230-S0002 Datasheet HTML 2Page - Cree, Inc C527UT230-S0002 Datasheet HTML 3Page - Cree, Inc C527UT230-S0002 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright © 2004-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
2
CPR3CD Rev. E
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxUT230-S0002
DC Forward Current
30 mA
Peak Forward Current (1/10 duty cycle @ 1 kHz)
100 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM) Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E) Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 5 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460UT230-S0002
2.7
2.9
3.1
1
21
C470UT230-S0002
2.7
2.9
3.1
1
22
C505UT230-S0002
2.7
2.9
3.2
1
30
C527UT230-S0002
2.7
3.0
3.2
1
35
Mechanical Specifications
CxxxUT230-S0002
Description
Dimension
Tolerance
P-N Junction Area (μm)
176 x 176
± 25
Top Area (μm)
230 x 230
± 25
Bottom Area (Substrate) (μm)
150 x 150
± 25
Chip Thickness (μm)
85
± 10
Au Bond Pad Diameter (μm)
105
-5, +15
Au Bond Pad Thickness (μm)
1.2
± 0.5
Back Contact Metal Area (μm)
80 x 80
± 25
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (< 5 seconds).
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the minimum ESD ratings shown. The ESD classification of
Class 2 is based on sample testing according to MIL-STD-883E.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 5 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by manufacturer in large quantities and are provided for information only. All
measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an
integrating sphere using Illuminance E.
Caution: To obtain optimum output efficiency, the amount of epoxy used should be characterized based upon the specific
application.
1.
2.
3.
4.


Similar Part No. - C527UT230-S0002

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527UT230-S0002 CREE-C527UT230-S0002 Datasheet
245Kb / 4P
   UltraThin??LEDs
More results

Similar Description - C527UT230-S0002

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXUT230-S0100 CREE-CXXXUT230-S0100 Datasheet
224Kb / 4P
   UltraThin??LEDs
CXXXUT230-S0002 CREE-CXXXUT230-S0002 Datasheet
245Kb / 4P
   UltraThin??LEDs
C460UT230-0105 CREE-C460UT230-0105 Datasheet
269Kb / 4P
   UltraThin LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
logo
Marktech Corporate
C450UT190-0317-30 MARKTECH-C450UT190-0317-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
logo
AVX Corporation
UT023D103MAT2D AVX-UT023D103MAT2D Datasheet
162Kb / 3P
   UltraThin Ceramic Capacitors
logo
Cree, Inc
CXXXUT200-SXXXX CREE-CXXXUT200-SXXXX Datasheet
297Kb / 5P
   Cree짰 UltraThin??LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com