Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20E781K Datasheet(PDF) 4 Page - World Produts Inc.

Part # 20E781K
Description  Metal Oxide Varistors
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

20E781K Datasheet(HTML) 4 Page - World Produts Inc.

  20E781K Datasheet HTML 1Page - World Produts Inc. 20E781K Datasheet HTML 2Page - World Produts Inc. 20E781K Datasheet HTML 3Page - World Produts Inc. 20E781K Datasheet HTML 4Page - World Produts Inc. 20E781K Datasheet HTML 5Page - World Produts Inc. 20E781K Datasheet HTML 6Page - World Produts Inc. 20E781K Datasheet HTML 7Page - World Produts Inc. 20E781K Datasheet HTML 8Page - World Produts Inc. 20E781K Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
2 | Metal Oxide Varistors
Features
Our Metal Oxide Varistors have UL, CSA and VDE approvals . VDE approvals are in conjunction
with IEC61051-2 . Plus specific types comply with Accelerated Aging Test Requirements per ANSI/
IEEE C62 .11 . The factory is ISO and TS16949 certified . Taped Parts conform to EIA standards . All
electrical specifications are to industry standards with definitions conforming to IEEE specifications .
Solderability to MIL STD . Epoxy flammability rating of 94V0 .
RoHS Compliance - Metal Oxide Varistors utilizing suffix (-N) denoting RoHS compliant types for
disk sizes 05, 07, 10,14, 18, 20, 25, 32, 34, 40, and 53 purchased from World Products, LLC comply with RoHS
Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the
use of certain hazardous substances in electrical and electronic equipment . Our metal oxide varistors contain a
maximum concentration value of 0 .1% by weight in homogeneous materials for lead, mercury, hexavalent chromium,
polybrominated biphenyls (PBB) and polybrominated diphenyl ethers (PBDE) and of 0 .01% weight in homogeneous
materials for cadmium . See Part Number System for more details .
Product consistency is maintained through extremely stringent quality and statistical control . On-line automatic test
equipment provides 100% inspection .
Extensive selection of equivalents to essentially all metal oxide varistor types . All specifications available for proper
accurate design-in purposes .
Extremely low leakage current levels achieved and exceptional surge handling capability through proprietary
formulations .
Epoxy conformity and control providing for consistent physical dimensions and improved solderability.
Varistor product design flexibility and quick design cycles in order to assist our customers with their most stringent
varistor applications .
Definition of Terms (according to IEEE specifications C62.33)
Average Power Dissipation: Tested using two consecutive pulses at rated peak current using a 10/1000µs test
waveform with a minimum pulse period of 60 seconds between pulses (IEC 61000-4-5) .
Rated RMS Voltage, Rated DC Voltage: The maximum designated values of power system voltage that may be applied
continuously between the terminals of a device .
Varistor Voltage: Test characteristic that is used to classify varistors by type . A test current of 1mA DC is typically
used to determine varistor voltage classification type . Varistor voltage clamping characteristics can be defined
at various test levels .
Rated Peak Single Pulse Transient Current: Maximum surge current, 8/20μs waveform which a varistor is rated to
withstand for a single surge .
Rated Single Pulse Transient Energy: Maximum allowable energy for a single impulse (see specified waveforms) .
Maximum Clamping Voltage: Measured peak voltage across the device terminals when a current impulse of specified
amplitude and waveform is conducted through the varistor.
Typical Capacitance: Typical capacitance values are measured at a test frequency of 1KHZ .
Power Dissipation Ratings
Disk Size
Pm-watts
Disk Size
Pm-watts
5mm ( < 50 VAC )
0 .01
20mm ( < 50 VAC )
0 .20
5mm ( ≥ 50 VAC )
0 .20
20mm ( ≥ 50 VAC )
1 .00
7mm ( < 50 VAC )
0 .02
25mm
1 .20
7mm ( ≥ 50 VAC )
0 .25
32mm
1 .60
10mm ( < 50 VAC )
0 .05
34mm (Single)
2 .10
10mm ( ≥ 50 VAC )
0 .40
34mm (Dual)
2 .73
14mm ( < 50 VAC )
0 .10
40mm
2 .10
14mm ( ≥ 50 VAC )
0 .60
53mm
2 .50
PA
NY • SOCIÉT
ISO
9002
SGS


Similar Part No. - 20E781K

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
20E781K HUAXINAN-20E781K Datasheet
325Kb / 5P
   Metal Oxide Varistors Data Sheet
More results

Similar Description - 20E781K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com