Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460UT200-0206 Datasheet(PDF) 2 Page - Cree, Inc

Part # C460UT200-0206
Description  Cree UltraThin LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460UT200-0206 Datasheet(HTML) 2 Page - Cree, Inc

  C460UT200-0206 Datasheet HTML 1Page - Cree, Inc C460UT200-0206 Datasheet HTML 2Page - Cree, Inc C460UT200-0206 Datasheet HTML 3Page - Cree, Inc C460UT200-0206 Datasheet HTML 4Page - Cree, Inc C460UT200-0206 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
2
CPR3DE Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxUT200-Sxxxx
DC Forward Current
30 mA
Peak Forward Current (1/10 duty cycle @ 1 kHz)
100 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM) Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E) Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 5 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5 V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460UT200-Sxxxx
2.7
2.9
3.1
2
21
C470UT200-Sxxxx
2.7
2.9
3.1
2
22
Mechanical Specifications
CxxxUT200-Sxxxx
Description
Dimension
Tolerance
P-N Junction Area (μm)
150 x 150
± 25
Top Area (μm)
200 x 200
± 25
Bottom Area (Substrate) (μm)
115 x 115
± 25
Chip Thickness (μm)
85
± 10
Au Bond Pad Diameter (μm)
90
-5, +15
Au Bond Pad Thickness (μm)
1.2
± 0.5
Back Contact Metal Area (μm)
80 x 80
± 25
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (< 5 seconds).
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the minimum ESD ratings shown. The ESD classification of
Class 2 is based on sample testing according to MIL-STD-883E.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 5 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by manufacturer in large quantities and are provided for information only. All
measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an
integrating sphere using Illuminance E.
Caution: To obtain optimum output efficiency, the amount of epoxy used should be characterized based upon the specific
application.
1.
2.
3.
4.
C460UT200-S0550
C460UT200-0201
C460UT200-0202
C460UT200-0203
C460UT200-0204
8.0 mW
5.5 mW
Dominant Wavelength
455 nm
460 nm
465 nm
462.5 nm
457.5 nm
C460UT200-S0800
C460UT200-0205
C460UT200-0206
C460UT200-0207
C460UT200-0208
8.0 mW
Dominant Wavelength
455 nm
460 nm
465 nm
462.5 nm
457.5 nm
C470UT200-S0550
C470UT200-0201
C470UT200-0202
C470UT200-0203
C470UT200-0204
8.0 mW
5.5 mW
Dominant Wavelength
465 nm
470 nm
472.5 nm
467.5 nm
475 nm
C470UT200-S0800
C470UT200-0205
C470UT200-0206
C470UT200-0207
C470UT200-0208
8.0 mW
Dominant Wavelength
465 nm
470 nm
472.5 nm
467.5 nm
475 nm


Similar Part No. - C460UT200-0206

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460UT200-SXXXX CREE-C460UT200-SXXXX Datasheet
297Kb / 5P
   Cree짰 UltraThin??LED
More results

Similar Description - C460UT200-0206

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450UT190-0317-30 MARKTECH-C450UT190-0317-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
logo
Cree, Inc
CXXXUT200-SXXXX CREE-CXXXUT200-SXXXX Datasheet
297Kb / 5P
   Cree짰 UltraThin??LED
CP41A-RDS CREE-CP41A-RDS Datasheet
925Kb / 10P
   Cree P4 LED
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
   UltraThin LEDs
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
C503B-WAN-CBADA151 CREE-C503B-WAN-CBADA151 Datasheet
1Mb / 10P
   Cree 5mm Round LED
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com