Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A27020 Datasheet(PDF) 6 Page - AMIC Technology

Part # A27020
Description  256K X 8 OTP CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A27020 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A27020 Datasheet HTML 2Page - AMIC Technology A27020 Datasheet HTML 3Page - AMIC Technology A27020 Datasheet HTML 4Page - AMIC Technology A27020 Datasheet HTML 5Page - AMIC Technology A27020 Datasheet HTML 6Page - AMIC Technology A27020 Datasheet HTML 7Page - AMIC Technology A27020 Datasheet HTML 8Page - AMIC Technology A27020 Datasheet HTML 9Page - AMIC Technology A27020 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
A27020 Series
PRELIMINARY
(August, 2002, Version 0.0)
5
AMIC Technology, Inc.
Read Mode AC Characteristics (Ta = 0
°C to 70°C, VCC = 5V ± 10%, VPP = VCC)
Symbol
Parameter
55ns
70ns
Unit
Min.
Max.
Min.
Max.
tCYC
Cycle Time
55
70
ns
tAA
Address Access Time
55
70
ns
tCE
Chip Enable Access Time
55
70
ns
tOE
Output Enable Access Time
30
35
ns
tOH
Output Hold after Address, CE or OE , whichever
Occurred First
0
0
ns
tHZ
Output High Z Delay
20
20
ns
Read Mode Switching Waveforms
tOH
tHZ
High-Z
tAA
tOE
tCE
Valid
Output
Address Valid
ADDRESS
CE
OE
OUTPUT
tCYC


Similar Part No. - A27020

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-55 AMICC-A27020A-55 Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-55F AMICC-A27020A-55F Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-70 AMICC-A27020A-70 Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A-70F AMICC-A27020A-70F Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
More results

Similar Description - A27020

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com