Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8020128 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A8020128
Description  P O T T I N G B O X E S
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A8020128 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A8020128 Datasheet HTML 1Page - List of Unclassifed Manufacturers A8020128 Datasheet HTML 2Page - List of Unclassifed Manufacturers A8020128 Datasheet HTML 3Page - List of Unclassifed Manufacturers A8020128 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
211
POTTING BOXES
MA TERIAL
Thermoplastic, polyamide 6.6.
Good value for money.
Almost unbreakable. With
elastic side panels. There-
fore only partly resistant to
deformation.
Refer to the material speci-
fications on pages 229-231.
ST ANDARD
COLOUR
Black.
Outside dim. in mm
Wall thickness in mm
Version
Part-No.
AB
C
W
14
14
11.5
0.8
II
17.3
14.8
10.5
0.6
II
17.3
14.8
15.2
0.6
II
18.4
18.4
13.5
0.6
III
20.5
20.5
12.5
0.8
III
21
13
17.5
0.8
III
22.3
22.3
14
0.8
III
26
26
35
1.0
III
28.7
28.7
19
1.0
III
30
30
50
1.5
III
32.3
32.3
20
1.0
III
38.8
38.8
26.5
1.2
II
38.8
38.8
39
1.2
II
40
10
20
1.0
II
46
46
40.5
1.0
III
A 80 46 408
A 80 40 208
A 80 39 398
A 80 39 268
A 80 32 208
A 80 30 508
A 80 29 198
A 80 26 358
A 80 22 148
A 80 21 178
A 80 20 128
A 80 18 138
A 80 17 158
A 80 17 108
A 80 14 118
VERSION II
VERSION III
SERVICE-CENTRE
See pages 221-227.


Similar Part No. - A8020128

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A802ERW MPD-A802ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
More results

Similar Description - A8020128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YTV-F1 ETC1-YTV-F1 Datasheet
158Kb / 2P
   A u t o m a t e d P C B I n s p e c t i o n
logo
E-Tech Electronics LTD
GT2153 ETL-GT2153 Datasheet
483Kb / 5P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2136 ETL-GL2136 Datasheet
336Kb / 4P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GT2123 ETL-GT2123 Datasheet
478Kb / 8P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GT2133 ETL-GT2133 Datasheet
452Kb / 7P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146 ETL-GL2146 Datasheet
336Kb / 4P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com