Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L9308-15 Datasheet(PDF) 7 Page - AMIC Technology

Part # A23L9308-15
Description  524,288 X 8 BIT CMOS MASK ROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L9308-15 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A23L9308-15 Datasheet HTML 3Page - AMIC Technology A23L9308-15 Datasheet HTML 4Page - AMIC Technology A23L9308-15 Datasheet HTML 5Page - AMIC Technology A23L9308-15 Datasheet HTML 6Page - AMIC Technology A23L9308-15 Datasheet HTML 7Page - AMIC Technology A23L9308-15 Datasheet HTML 8Page - AMIC Technology A23L9308-15 Datasheet HTML 9Page - AMIC Technology A23L9308-15 Datasheet HTML 10Page - AMIC Technology A23L9308-15 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
A23L9308 Series
PRELIMINARY
(October, 2001, Version 0.0)
6
AMIC Technology, Inc.
Timing Waveforms
Propagation Delay from Address (CE/ CE = Active, OE/ OE = Active)
tAA
VALID
VALID
tCYC
tOH
ADDRESS
INPUTS
DATA OUT
Propagation Delay from Chip Enable or Output Enable (Address Valid)
tACE
tHZ
VALID
DATA OUT
tAOE
CHIP
ENABLE
OUTPUT
ENABLE
VALID
VALID
tLZ
tLZ
AC Test Conditions
Applied Voltage
2.7V~3.6V
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Time
10 ns
Timing Measurement Reference Level
VIN = 1.5V
VOUT = 1.5V
Output Load
1 TTL gate and CL = 100pF


Similar Part No. - A23L9308-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161 AMICC-A23L93161 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161V AMICC-A23L93161V Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161V-100 AMICC-A23L93161V-100 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161V-70 AMICC-A23L93161V-70 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L9308-15

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR53V8002J OKI-MR53V8002J Datasheet
158Kb / 8P
   524,288-Word x 16-bit or 1,048,576 x 8-Bit MASK ROM
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
   32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD23C1001E NEC-UPD23C1001E Datasheet
169Kb / 4P
   131,072 x 8-Bit Mask-Programmable CMOS ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
logo
List of Unclassifed Man...
UM23C1024 ETC1-UM23C1024 Datasheet
102Kb / 1P
   131,072 X 8 BIT CMOS MASK - PROGRAMMABLE ROM
logo
UMC Corporation
UM23C1028-A UMC-UM23C1028-A Datasheet
246Kb / 6P
   16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
logo
Holtek Semiconductor In...
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
   CMOS 32Kx 8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
   CMOS 64Kx 8-Bit Mask ROM
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com