Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8185-EVAL Datasheet(PDF) 4 Page - Analog Devices

Part # AD8185-EVAL
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8185-EVAL Datasheet(HTML) 4 Page - Analog Devices

  AD8185-EVAL Datasheet HTML 1Page - Analog Devices AD8185-EVAL Datasheet HTML 2Page - Analog Devices AD8185-EVAL Datasheet HTML 3Page - Analog Devices AD8185-EVAL Datasheet HTML 4Page - Analog Devices AD8185-EVAL Datasheet HTML 5Page - Analog Devices AD8185-EVAL Datasheet HTML 6Page - Analog Devices AD8185-EVAL Datasheet HTML 7Page - Analog Devices AD8185-EVAL Datasheet HTML 8Page - Analog Devices AD8185-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
AD8183/AD8185
–4–
FREQUENCY – MHz
1
0.1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
1
10
100
1k
GAIN
FLATNESS
VO AS SHOWN
RL = 150
200mV p-p
2V p-p
200mV p-p
2V p-p
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
Figure 3. AD8183 Frequency Response; RL = 150 Ω
FREQUENCY – MHz
1
0.1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
1
10
100
1k
GAIN
FLATNESS
VO AS SHOWN
RL = 1k
200mV p-p
2V p-p
200mV p-p
2V p-p
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
0.2
0.3
Figure 4. AD8183 Frequency Response; RL = 1 kΩ
FREQUENCY – MHz
5
0.1
4
3
2
1
0
–1
–2
–3
–4
–5
1
10
100
1k
VO = 200mV p-p
RL = 1k
CL = 5pF
TEMPERATURE AS SHOWN
+85 C
+25 C
–40 C
Figure 5. AD8183 Frequency Response vs. Temperature
FREQUENCY – MHz
1
0.1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
1
10
100
1k
GAIN
FLATNESS
VO AS SHOWN
RL = 150
200mV p-p
2V p-p
200mV p-p
2V p-p
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
Figure 6. AD8185 Frequency Response; RL = 150 Ω
FREQUENCY – MHz
2
0.1
1
0
–1
–2
–3
–4
–5
–6
–7
–8
1
10
100
1k
GAIN
FLATNESS
VO AS SHOWN
RL = 1k
200mV p-p
2V p-p
200mV p-p
2V p-p
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
0.2
0.3
Figure 7. AD8185 Frequency Response; RL = 1 kΩ
FREQUENCY – MHz
4
0.1
3
2
1
0
–1
–2
–3
–4
–5
–6
1
10
100
1k
VO = 200mV p-p
RL = 150
CL = 5pF
TEMPERATURE AS SHOWN
+85 C
+25 C
–40 C
Figure 8. AD8185 Frequency Response vs. Temperature


Similar Part No. - AD8185-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8185-EVAL AD-AD8185-EVAL Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
More results

Similar Description - AD8185-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARUZ AD-AD8185ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com