Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8816AEDV475 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8816AEDV475
Description  1.5A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816AEDV475 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8816AEDV475 Datasheet HTML 5Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 6Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 7Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 8Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 9Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 10Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 11Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 12Page - Analog Microelectronics AME8816AEDV475 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AME, Inc.
9
AME8816
1.5A CMOS LDO
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
23
45
67
8
Short Circuit Current VS. V
IN
V
IN (V)
C
IN = 4.7 µF
C
OUT = 4.7 µF
Overtemperature Shutdown
Time 100mS/DIV
0V
0A
V
IN = 4V
C
IN = 4.7µF
C
OUT = 4.7µF
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
23
45
6
7
8
Current Limit Vs. V
IN
V
IN (V)
C
IN = 4.7 µF
C
OUT = 4.7 µF
V
OUT = 1.8V
Current Limit Response
Time 1mS/DIV
I
LIM
I
SC
0A
0V
V
IN = 5V
C
IN = 4.7 µF
C
OUT = 4.7 µF
Transient Line Response
Time (20
µµµµS/DIV)
C
IN = 4.7µF
C
OUT = 4.7 µF
T
R = TF = 1 µS
VOUT = 1.5V
0V
Load Step 40mA to 1.5A
Time 500
µ
µµ
µS/DIV
0A
C
IN = 4.7µF
C
OUT = 4.7µF
V
IN = 4.0V
V
OUT = 1.8V


Similar Part No. - AME8816AEDV475

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816AEDV475Z AME-AME8816AEDV475Z Datasheet
304Kb / 18P
   1.5A CMOS LDO
More results

Similar Description - AME8816AEDV475

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com