Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE16V8Q-20SC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # PALCE16V8Q-20SC
Description  EE CMOS 20-Pin Universal Programmable Array Logic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8Q-20SC Datasheet(HTML) 3 Page - Advanced Micro Devices

  PALCE16V8Q-20SC Datasheet HTML 1Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 2Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 3Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 4Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 5Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 6Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8Q-20SC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AMD
2-38
PALCE16V8H-5/7/10/15/25, Q-10/15/25 (Com’l)
H-10/15/25, Q-20/25 (Ind)
ORDERING INFORMATION
Commercial and Industrial Products
PACKAGE TYPE
P = 20-Pin Plastic DIP (PD 020)
J = 20-Pin Plastic Leaded Chip
Carrier (PL 020)
S = 20-Pin Plastic Gull-Wing
Small Outline Package (SO 020)
OPERATING CONDITIONS
C = Commercial (0
°C to +75°C)
I
= Industrial (–40
°C to +85°C)
Valid Combinations
AMD programmable logic products for commercial and industrial applications are available with several ordering options. The
order number (Valid Combination) is formed by a combination of:
Valid Combinations
Valid Combinations lists configurations planned
to be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
PAL
CE
16 V 8 H -5 P C
SPEED
-5 = 5 ns tPD
-7 = 7.5 ns tPD
-10 = 10 ns tPD
-15 = 15 ns tPD
-20 = 20 ns tPD
-25 = 25 ns tPD
FAMILY TYPE
PAL = Programmable Array Logic
POWER
H = Half Power (90 – 125 mA ICC)
Q = Quarter Power (55 mA ICC)
TECHNOLOGY
CE = CMOS Electrically Erasable
NUMBER OF
ARRAY INPUTS
OUTPUT TYPE
V = Versatile
NUMBER OF OUTPUTS
/5
PROGRAMMING DESIGNATOR
Blank = Initial Algorithm
/4 = First Revision
/5 = Second Revision
(Same Algorithm as /4)
OPTIONAL PROCESSING
Blank = Standard Processing
PALCE16V8H-5
PALCE16V8H-7
PALCE16V8H-10
PALCE16V8Q-10
PALCE16V8H-15
PALCE16V8Q-15
PALCE16V8Q-20
PALCE16V8H-25
PALCE16V8Q-25
PC, JC, SC, PI, JI
PC, JC, PI, JI
/5
/4
PC, JC, SC
JC
/5
PC, JC
Blank,
/4
PC, JC, SC, PI, JI
PC, JC
PC, JC, SC, PI, JI
PI, JI


Similar Part No. - PALCE16V8Q-20SC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8Q-20SC AMD-PALCE16V8Q-20SC Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
More results

Similar Description - PALCE16V8Q-20SC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
   20-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com